Electronic Components Datasheet Search
  English  ▼

X  

AP7345D Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP7345D
Description  DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7345D Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP7345D Datasheet HTML 4Page - Diodes Incorporated AP7345D Datasheet HTML 5Page - Diodes Incorporated AP7345D Datasheet HTML 6Page - Diodes Incorporated AP7345D Datasheet HTML 7Page - Diodes Incorporated AP7345D Datasheet HTML 8Page - Diodes Incorporated AP7345D Datasheet HTML 9Page - Diodes Incorporated AP7345D Datasheet HTML 10Page - Diodes Incorporated AP7345D Datasheet HTML 11Page - Diodes Incorporated AP7345D Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AP7345D
Document number: DS41528 Rev. 1 - 2
8 of 15
www.diodes.com
December 2018
© Diodes Incorporated
AP7345D
Performance Characteristics (Cont.)
Line Transient Response
Time (10µs/div)
VOUT=3.3V (10mV/div)
VIN=4.3V to 5.3V (1V/div)
tR=tF=5µs
IOUT=1mA
COUT=1µF
Line Transient Response
V
IN
=2.8V to 3.8V (1V/div)
t
R
=t
F
=5µs
I
OUT
= 1mA
C
OUT
=1µF
V
OUT
=1.8V (10mV/div)
Time (10µs/div)
Load Transient Response
V
OUT
=3.3V (50mV/div)
I
OUT
= 50mA to 100mA (50mA/div)
Time (40µs/div)
V
OUT
=1.8V (50mV/div)
Load Transient Response
V
OUT
=3.3V (50mV/div)
I
OUT
= 50mA to 300mA (200mA/div)
Time (40µs/div)
V
OUT
=1.8V (50mV/div)
Load Transient Response
V
OUT
=1.8V (50mV/div)
I
OUT
= 50mA to 100mA (50mA/div)
Time (40µs/div)
V
OUT
=3.3V (50mV/div)
Load Transient Response
V
OUT
=1.8V (50mV/div)
I
OUT
= 50mA to 300mA (200mA/div)
Time (40µs/div)
V
OUT
=3.3V (50mV/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com