Electronic Components Datasheet Search
  English  ▼

X  

AP7345D Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP7345D
Description  DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7345D Datasheet(HTML) 3 Page - Diodes Incorporated

  AP7345D Datasheet HTML 1Page - Diodes Incorporated AP7345D Datasheet HTML 2Page - Diodes Incorporated AP7345D Datasheet HTML 3Page - Diodes Incorporated AP7345D Datasheet HTML 4Page - Diodes Incorporated AP7345D Datasheet HTML 5Page - Diodes Incorporated AP7345D Datasheet HTML 6Page - Diodes Incorporated AP7345D Datasheet HTML 7Page - Diodes Incorporated AP7345D Datasheet HTML 8Page - Diodes Incorporated AP7345D Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AP7345D
Document number: DS41528 Rev. 1 - 2
3 of 15
www.diodes.com
December 2018
© Diodes Incorporated
AP7345D
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified. Note 4)
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
6.0
V
VEN
Input Voltage at EN Pins
6.0
V
VOUT
Output Voltage
-0.3 to VIN +0.3
V
IOUT
Output Current
400
mA
PD
Power Dissipation
600
mW
TA
Operating Ambient Temperature
-40 to +85
°C
TSTG
Storage Temperature
-55 to +125
°C
Note 4:
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only and functional
operation of the device at these conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
1.7
5.25
V
IOUT
Each Channel Output Current
0
300
mA
TA
Operating Ambient Temperature
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com