Electronic Components Datasheet Search
  English  ▼

X  

AP7380 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP7380
Description  WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7380 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP7380 Datasheet HTML 3Page - Diodes Incorporated AP7380 Datasheet HTML 4Page - Diodes Incorporated AP7380 Datasheet HTML 5Page - Diodes Incorporated AP7380 Datasheet HTML 6Page - Diodes Incorporated AP7380 Datasheet HTML 7Page - Diodes Incorporated AP7380 Datasheet HTML 8Page - Diodes Incorporated AP7380 Datasheet HTML 9Page - Diodes Incorporated AP7380 Datasheet HTML 10Page - Diodes Incorporated AP7380 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AP7380
Document number: DS39196 Rev. 3 - 2
7 of 12
www.diodes.com
December 2017
© Diodes Incorporated
AP7380
Ordering Information
AP7380 - X X - X
Packing
7/13 : Tape & Reel
Output Voltage
18 : 1.8V
30 : 3.0V
33 : 3.3V
36 : 3.6V
41 : 4.15V
44 : 4.4V
50 : 5.0V
W5/WR : SOT25
Y : SOT89 (Option 2)
Package
Part Number
Package Code
Package
7”/13” Tape and Reel
Quantity
Part Number Suffix
AP7380-18W5-7
W5
SOT25
3000/Tape & Reel
-7
AP7380-30W5-7
W5
SOT25
3000/Tape & Reel
-7
AP7380-33W5-7
W5
SOT25
3000/Tape & Reel
-7
AP7380-36W5-7
W5
SOT25
3000/Tape & Reel
-7
AP7380-41W5-7
W5
SOT25
3000/Tape & Reel
-7
AP7380-44W5-7
W5
SOT25
3000/Tape & Reel
-7
AP7380-50W5-7
W5
SOT25
3000/Tape & Reel
-7
AP7380-18WR-7
WR
SOT25
3000/Tape & Reel
-7
AP7380-30WR-7
WR
SOT25
3000/Tape & Reel
-7
AP7380-33WR-7
WR
SOT25
3000/Tape & Reel
-7
AP7380-36WR-7
WR
SOT25
3000/Tape & Reel
-7
AP7380-41WR-7
WR
SOT25
3000/Tape & Reel
-7
AP7380-44WR-7
WR
SOT25
3000/Tape & Reel
-7
AP7380-50WR-7
WR
SOT25
3000/Tape & Reel
-7
AP7380-18Y-13
Y
SOT89 (Option 2)
2500/Tape & Reel
-13
AP7380-30Y-13
Y
SOT89 (Option 2)
2500/Tape & Reel
-13
AP7380-33Y-13
Y
SOT89 (Option 2)
2500/Tape & Reel
-13
AP7380-36Y-13
Y
SOT89 (Option 2)
2500/Tape & Reel
-13
AP7380-41Y-13
Y
SOT89 (Option 2)
2500/Tape & Reel
-13
AP7380-44Y-13
Y
SOT89 (Option 2)
2500/Tape & Reel
-13
AP7380-50Y-13
Y
SOT89 (Option 2)
2500/Tape & Reel
-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com