Electronic Components Datasheet Search
  English  ▼

X  

AP7380 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP7380
Description  WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7380 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP7380 Datasheet HTML 4Page - Diodes Incorporated AP7380 Datasheet HTML 5Page - Diodes Incorporated AP7380 Datasheet HTML 6Page - Diodes Incorporated AP7380 Datasheet HTML 7Page - Diodes Incorporated AP7380 Datasheet HTML 8Page - Diodes Incorporated AP7380 Datasheet HTML 9Page - Diodes Incorporated AP7380 Datasheet HTML 10Page - Diodes Incorporated AP7380 Datasheet HTML 11Page - Diodes Incorporated AP7380 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AP7380
Document number: DS39196 Rev. 3 - 2
10 of 12
www.diodes.com
December 2017
© Diodes Incorporated
AP7380
Package Outline Dimensions (Cont.)
Please see http://www.diodes.com/package-outlines.html for the latest version.
(2)
Package Type: SOT25
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
(1)
Package Type: SOT25
SOT25
Dim
Min
Max
Typ
A
0.35
0.50
0.38
B
1.50
1.70
1.60
C
2.70
3.00
2.80
D
-
-
0.95
H
2.90
3.10
3.00
J
0.013
0.10
0.05
K
1.00
1.30
1.10
L
0.35
0.55
0.40
M
0.10
0.20
0.15
N
0.70
0.80
0.75
0°
8°
-
All Dimensions in mm
Dimensions
Value
Z
3.20
G
1.60
X
0.55
Y
0.80
C1
2.40
C2
0.95
A
M
J
L
D
B C
H
K
N
X
Z
Y
C1
C2
C2
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com