Electronic Components Datasheet Search
  English  ▼

X  

APT13005D Datasheet(PDF) 1 Page - Diodes Incorporated

Part # APT13005D
Description  450V NPN HIGH VOLTAGE POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APT13005D Datasheet(HTML) 1 Page - Diodes Incorporated

  APT13005D Datasheet HTML 1Page - Diodes Incorporated APT13005D Datasheet HTML 2Page - Diodes Incorporated APT13005D Datasheet HTML 3Page - Diodes Incorporated APT13005D Datasheet HTML 4Page - Diodes Incorporated APT13005D Datasheet HTML 5Page - Diodes Incorporated APT13005D Datasheet HTML 6Page - Diodes Incorporated APT13005D Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
APT13005D
Datasheet Number: DS36463 Rev. 3 - 4
1 of 7
www.diodes.com
June 2021
© Diodes Incorporated
APT13005D
450V NPN HIGH VOLTAGE POWER TRANSISTOR
Features
•
BVCEO > 450V
•
BVCES > 700V
•
BVEBO > 9V
•
IC = 4A High Collector Current
•
Integrated Anti-Parallel Diode to act as free-wheeling diode
•
Anti-Saturation feature
•
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Applications
Low power AC-DC SMPS for:
•
Battery Chargers for Mobile Phone / Tablets / Smartphones
•
Power Supply for DVD / STB
•
LED Lighting
Mechanical Data
•
Case: ITO220AB TYPE BR (TO220F), TO220AB Type C
•
Case Material: Molded Plastic, "Green" Molding Compound
UL Flammability Classification Rating 94V-0
•
Terminals: Finish - Matte Tin Finish Leads, Solderable per
MIL-STD-202, Method 208
•
Weight: ITO220AB TYPE BR (TO220F): 1500mg (Approximate)
TO220AB Type C : 2000mg (Approximate)
Ordering Information (Note 4)
Product
Package
Marking
Quantity
APT13005DTF-G1
ITO220AB TYPE BR (TO220F)
APT13005DTF-G1
1,000 per Box in Tubes
APT13005DT-G1
TO220AB Type C (TO220-3(2))
APT13005DT-G1
1,000 per Box in Tubes
Notes:
1. EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant. All applicable RoHS exemptions applied.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Device Schematic
E
C
B
Front Face View
Pin-Out
ITO220AB TYPE BR
(TO220F)
Isolated
TO220AB Type C
(TO220-3(2)) Non-isolated
E
C
B
Front Face View
Pin-Out
Green
PART OBSOLETE – CONTACT US


Similar Part No. - APT13005D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APT13005D DIODES-APT13005D_15 Datasheet
554Kb / 7P
450V NPN HIGH VOLTAGE POWER TRANSISTOR
Rev 1
More results

Similar Description - APT13005D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APT27 DIODES-APT27_15 Datasheet
338Kb / 5P
450V NPN HIGH VOLTAGE POWER TRANSISTOR
Rev 2
APT27H DIODES-APT27H_15 Datasheet
340Kb / 5P
450V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO92
Rev 2
APT13003D DIODES-APT13003D_15 Datasheet
390Kb / 7P
450V NPN HIGH VOLTAGE POWER TRANSISTOR
Rev 2
APT13003L DIODES-APT13003L_15 Datasheet
298Kb / 5P
450V NPN HIGH VOLTAGE POWER TRANSISTOR
Rev 1
APT13003S DIODES-APT13003S_15 Datasheet
341Kb / 5P
450V NPN HIGH VOLTAGE POWER TRANSISTOR
Rev 2
APT13005 DIODES-APT13005_15 Datasheet
306Kb / 6P
450V NPN HIGH VOLTAGE POWER TRANSISTOR
Rev 1
APT13005D DIODES-APT13005D_15 Datasheet
554Kb / 7P
450V NPN HIGH VOLTAGE POWER TRANSISTOR
Rev 1
APT13005S DIODES-APT13005S_15 Datasheet
369Kb / 8P
450V NPN HIGH VOLTAGE POWER TRANSISTOR
Rev 1
DXT13003DK DIODES-DXT13003DK_15 Datasheet
310Kb / 6P
450V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252
Rev 1
DXT13003DG DIODES-DXT13003DG_15 Datasheet
377Kb / 6P
450V NPN HIGH VOLTAGE POWER TRANSISTOR IN SOT223
Rev 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com