Electronic Components Datasheet Search
  English  ▼

X  

APT13005D Datasheet(PDF) 2 Page - Diodes Incorporated

Part # APT13005D
Description  450V NPN HIGH VOLTAGE POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APT13005D Datasheet(HTML) 2 Page - Diodes Incorporated

  APT13005D Datasheet HTML 1Page - Diodes Incorporated APT13005D Datasheet HTML 2Page - Diodes Incorporated APT13005D Datasheet HTML 3Page - Diodes Incorporated APT13005D Datasheet HTML 4Page - Diodes Incorporated APT13005D Datasheet HTML 5Page - Diodes Incorporated APT13005D Datasheet HTML 6Page - Diodes Incorporated APT13005D Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
APT13005D
Datasheet Number: DS36463 Rev. 3 - 4
2 of 7
www.diodes.com
June 2021
© Diodes Incorporated
APT13005D
Marking Information
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Emitter Voltage
VCES
700
V
Collector-Emitter Voltage
VCEO
450
V
Emitter-Base Voltage
VEBO
9
V
Collector Current
IC
4
A
Peak Collector Current
ICM
8
A
Base Current
IB
2
A
Peak Base Current
IBM
4
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation @TC = +25°C
For ITO220AB TYPE BR
(TO220F)
PD
28
W
For TO220AB Type C
75
Thermal Resistance, Junction to Case
For ITO220AB TYPE BR
(TO220F)
RθJC
4.5
°C/W
For TO220AB Type C
1.67
Operating and Storage Temperature Range
TJ,TSTG
-65 to +150
°C
ESD Ratings (Note 5)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
8,000
V
3B
Electrostatic Discharge - Machine Model
ESD MM
400
V
C
Note:
5. Refer to JEDEC specification JESD22-A114 and JESD22-A115.
= Manufacturers’ code marking
For ITO220AB TYPE BR (TO220F), APT13005DTF-G1 = Product
Type Marking ID
For TO220AB Type C, APT13005DT-G1 = Product Type Marking ID
YWW = Date Code Marking
e.g. 312 = Year 2013, Week 12.
8 = Assembly site code
XX = Batch Number
ITO220AB TYPE
BR (TO220F)
APT13005
DTF-G1
YWW8XX
TO220AB Type C
APT13005
DT-G1
YWW8XX



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com