Electronic Components Datasheet Search
  English  ▼

X  

NC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # NC
Description  Thin Film Single Value Chip and Wire Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NC Datasheet(HTML) 2 Page - Vishay Siliconix

  NC Datasheet HTML 1Page - Vishay Siliconix NC Datasheet HTML 2Page - Vishay Siliconix NC Datasheet HTML 3Page - Vishay Siliconix NC Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NC Series
www.vishay.com
Vishay Electro-Films
Revision: 08-Apr-2021
2
Document Number: 61033
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DC WORKING VOLTAGES VALUES AND TOLERANCES
NCAA 0.020 inches square
NCBB 0.030 inches square
NCCC 0.040 inches square
NCEE 0.060 inches square
NCDD 0.055 inches square
CAPACITANCE
VALUE pF
DC WORKING
VOLTAGE
51
47
43
39
36
33
30
27
24
22
20
18
16
15
13
12
11
10
8.2
6.8
5.6
4.7
MNOS
MOS
40
45
50
55
60
65
75
80
90
95
105
120
135
140
150
160
180
200
200
200
200
200
-
-
-
-
-
-
35
39
44
48
54
60
68
73
85
93
102
114
160
193
200
200
** ± 0.5 pF
CAPACITANCE
VALUE pF
DC WORKING
VOLTAGE
MOS
4.3
3.9
3.6
3.3
3.0
2.7
2.4
2.2
2.00
1.80
1.60
1.50
1.30
1.20
1.10
1.0
0.91
0.82
0.75
0.68
0.62
0.56
0.50
NA = NOT AVAILABLE
CAPACITANCE
VALUE pF
DC WORKING
VOLTAGE
220
200
180
160
150
130
120
110
100
91
82
75
68
62
56
MNOS
MOS
50
55
60
65
70
80
90
100
110
120
135
140
165
180
190
-
-
-
-
-
40
45
49
54
60
66
72
81
88
97
CAPACITANCE
VALUE pF
DC WORKING
VOLTAGE
100
91
82
75
68
62
56
51
47
43
39
36
33
MNOS
MOS
55
60
65
65
70
90
95
105
120
130
135
140
150
-
-
-
-
38
42
47
52
56
62
68
74
81
CAPACITANCE
VALUE pF
DC WORKING
VOLTAGE
1000
910
820
750
680
620
560
510
470
430
390
360
330
300
270
240
220
200
180
160
150
MNOS
MOS
20
25
30
30
35
40
40
50
50
60
65
75
80
90
100
100
110
120
135
140
140
-
-
-
-
-
-
-
-
20
25
28
30
34
38
40
47
52
57
63
70
76



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com