Electronic Components Datasheet Search
  English  ▼

X  

NC Datasheet(PDF) 3 Page - Vishay Siliconix

Part # NC
Description  Thin Film Single Value Chip and Wire Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NC Datasheet(HTML) 3 Page - Vishay Siliconix

  NC Datasheet HTML 1Page - Vishay Siliconix NC Datasheet HTML 2Page - Vishay Siliconix NC Datasheet HTML 3Page - Vishay Siliconix NC Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NC Series
www.vishay.com
Vishay Electro-Films
Revision: 08-Apr-2021
3
Document Number: 61033
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS
Options: gold bond pads 15 kÅ; lower profile version is available, consult applications engineer
0.5 pF to 1.3 pF
1.4 pF to 3.9 pF
4 pF to 9.1 pF
10 pF to 51 pF
NCAA
0.020 ± 0.003 inches square
33 pF to 100 pF
56 pF to 220 pF
150 pF to 510 pF
360 pF to 1000 pF
NCBB
0.030 ± 0.003 inches square
NCCC
0.040 ± 0.003 inches square
NCDD
0.055 ± 0.003 inches square
NCEE
0.060 ± 0.003 inches square
MECHANICAL SPECIFICATIONS
PARAMETER
VALUE
Chip Size
Per diagrams
Chip Thickness
0.010" ± 0.002" (0.25 mm ± 0.05 mm)
Chip Substrate Material
Semiconductor silicon
Dielectric
Silicon dioxide/silicon nitride
Bond Pad
0.005" x 0.005" min., 10 kÅ aluminum
Backing
3 kÅ min. gold
GLOBAL PART NUMBER INFORMATION
SAP Part Number: NCAA4700CKMAHWS
NCEE10000KNGKWS
SAP Description: NCAA 4.7 pF 10 % MOS Al H WS
NCEE 1000 pF 10 % MNOS Au K WS
MODEL
CAPACITANCE
(pF)
CAPACITANCE
MULTIPLIER
CODE
TOLERANCE
CODE
DIELECTRIC
TERMINATION
VISUAL
CLASS
PACKAGING
CODE
NCAA
NCBB
NCCC
NCDD
NCEE
First 4 digits
are significant
figures of
capacitance
D = 0.0001
C = 0.001
B = 0.01
A = 0.1
0 = 1
D = ± 0.5 pF
H = 2.5 %
J = 5.0 %
K = 10 %
M = 20 %
M = MOS
N = MNOS
G = Au
A = Al
H = class H
K = class K
WS =
waffle pack
100 min.,
1 mult.
700
C
M
A
H
K
A
WS
A
NC
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com