Electronic Components Datasheet Search
  English  ▼

X  

AP1537 Datasheet(PDF) 5 Page - Anachip Corp

Part # AP1537
Description  PWM Control 3A Step-Down Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1537 Datasheet(HTML) 5 Page - Anachip Corp

  AP1537 Datasheet HTML 1Page - Anachip Corp AP1537 Datasheet HTML 2Page - Anachip Corp AP1537 Datasheet HTML 3Page - Anachip Corp AP1537 Datasheet HTML 4Page - Anachip Corp AP1537 Datasheet HTML 5Page - Anachip Corp AP1537 Datasheet HTML 6Page - Anachip Corp AP1537 Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP1537
PWM Control 3A Step-Down Converter
Anachip Corp.
www.anachip.com.tw
Rev. 1.3
May 09, 2006
5/7
Typical Performance Characteristics (Continued)
AP1537 Vout Ripple
(Vin=12V; Vout=5V; Iout=0.2A)
AP1537 Vout Ripple
(Vin=12V; Vout=5V; Iout=3A)
Test Circuit
A
FB
VCC
VSS
EN
open
open
OUTPUT
Comp
open
FB
VCC
VSS
EN
+
-
OUTPUT
A
Comp
FB
VCC
VSS
EN
+
-
+
-
V
OUTPUT
Comp
Operation function test
Feedback function test
Enable function test



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com