Electronic Components Datasheet Search
  English  ▼

X  

AP1537 Datasheet(PDF) 3 Page - Anachip Corp

Part # AP1537
Description  PWM Control 3A Step-Down Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1537 Datasheet(HTML) 3 Page - Anachip Corp

  AP1537 Datasheet HTML 1Page - Anachip Corp AP1537 Datasheet HTML 2Page - Anachip Corp AP1537 Datasheet HTML 3Page - Anachip Corp AP1537 Datasheet HTML 4Page - Anachip Corp AP1537 Datasheet HTML 5Page - Anachip Corp AP1537 Datasheet HTML 6Page - Anachip Corp AP1537 Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AP1537
PWM Control 3A Step-Down Converter
Anachip Corp.
www.anachip.com.tw
Rev. 1.3
May 09, 2006
3/7
Electrical Characteristics (VIN = 12V, T
a=25°C, unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
--
3.6
-
18
V
VFB
Feedback Voltage
IOUT=0.1A
0.784
0.8
0.816
V
IFB
Feedback Bias Current
IOUT=0.1A
-
0.1
0.5
µA
ISW
Switch Current
--
3.5
-
-
A
ISSS
Current Consumption
During Power Off
VEN =0V
-
10
-
µA
∆VOUT
/VOUT
Line Regulation
VIN = 5V~18V, IOUT=0.2A
-
1
2
%
∆VOUT
/VOUT
Load Regulation
IOUT = 0.1 to 3A
-
0.2
0.5
%
fOSC
Oscillation Frequency
Measure waveform at SW pin
400
500
600
KHz
fOSC1
Frequency of Current Limit
or Short Circuit Protect
Measure waveform at SW pin
40
-
-
KHz
VSH
Evaluate oscillation at SW pin
2.0
-
-
VSL
EN Pin Input Voltage
Evaluate oscillation stop at SW pin
-
-
0.8
V
ISH
VIN = 12V
-10
-
10
µA
ISL
EN Pin Input Leakage
Current
--
-10
-
10
µA
TSS
Soft-Start Time
--
0.3
2
5
ms
VIN=5V, VFB=0V
-
110
150
RDSON Internal MOSFET Rdson
VIN=12V, VFB=0V
-
70
100
mΩ
EFFI
Efficiency
VIN = 12V, VOUT = 5V
IOUT = 3A
-
91
-
%
Typical Application Circuit
AP1537
+
-
V
SS
EN
C
C
R
A
R
B
D1
FB
Vcc
Output
CVcc
V
OUT
V
IN
C
OUT
C
IN
10nF
C
EN
R
EN
100K
Note: V
OUT = VFB x (1+RA/RB)
R
B=0.7K~5K ohm
L1
22uH
6.8K
1.3K
0.1uF
+
-
C
0.1uF
33uF
22uF
0.1uF
=5V
Comp
1K 1800pF
VIN=12V, IMAX=3A
VOUT
2.5V
3.3V
5V
L1 Value
18uH
22uH
22uH



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com