Electronic Components Datasheet Search
  English  ▼

X  

D6002 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # D6002
Description  RADIO CONTROLLED RECEIVER IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

D6002 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  D6002 Datasheet HTML 1Page - List of Unclassifed Manufacturers D6002 Datasheet HTML 2Page - List of Unclassifed Manufacturers D6002 Datasheet HTML 3Page - List of Unclassifed Manufacturers D6002 Datasheet HTML 4Page - List of Unclassifed Manufacturers D6002 Datasheet HTML 5Page - List of Unclassifed Manufacturers D6002 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Silicore
D6002
SHAOXING SILICORE TECHNOLOGY CO.,LTD
www. Silicore. com. cn
CHMC
4/6
EL ECTRI CAL CH ARACT ERIST ICS
( T h e y a p ply w it h in th e s p e c if ie d o pe r a ti ng c o nd it io ns un le ss o th e rw is e s p ec i fi e d . )
Ch a r a c te ri s ti c s
S y m bo l
Te s t c on di tion s
M in
Ty p
Ma x
Un i t
O ut pu t pu ls e Du r a ti on ( OD 1 , O D2 )
tW ODk
17 0
19 5
23 0
ms
I npu t Vol ta g e (I C)
V I N IC
3 0
300
Vr ms
I np ut R e s is t a nc e ( IA 1 , I A2 )
RIN
6 00
k
I npu t R e s is t a nc e ( IC )
RIN
4 00
k
I npu t R e s i st a n ce De mo du l a to r
RIN
5 0
k
RF - g a i n
G RF m ax
V C AGC= 0 V
56
d B
RF ga in
G RF m in
VC AGC = V c c
- 4 0
d B
O ut pu t Vo lt a ge D e m odu la to r
V OU T D EM
0 . 2 5
V p- p
TES T CIRCUIT
+
-
Peak
Detector
Gain
Control
RF Amp
Post Amp
Bias
Comparator
O1
O2
IC
CD1
CD2
IA1
IA2
VDD
Vcc
GND1
GND2
GND3
CAGC
CDEM
CD3
OD1
OD2
PON
STOP
(Post Amp)
(RF Amp)
C4
4. 7uF
C3
C2
C1
6. 8nF
Q1
VDD
Vcc
Tr
1M



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com