Electronic Components Datasheet Search
  English  ▼

X  

D6002 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # D6002
Description  RADIO CONTROLLED RECEIVER IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

D6002 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  D6002 Datasheet HTML 1Page - List of Unclassifed Manufacturers D6002 Datasheet HTML 2Page - List of Unclassifed Manufacturers D6002 Datasheet HTML 3Page - List of Unclassifed Manufacturers D6002 Datasheet HTML 4Page - List of Unclassifed Manufacturers D6002 Datasheet HTML 5Page - List of Unclassifed Manufacturers D6002 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Silicore
D6002
SHAOXING SILICORE TECHNOLOGY CO.,LTD
www. Silicore. com. cn
CHMC
5/6
TYP ICAL APP LICAT ION CIRCUI T
O1
O2
IC
CD1
CD2
IA1
IA2
VDD
Vcc
GND1
GND2
GND3
CAGC
CDEM
CD3
OD1
OD2
PON
STOP
6.8nF
1.8nF~6.8nF
VDD=3V
Antenna L1
f
=77.5kHz
R EG
4.7uF
22nF
47nF
VDD
µc
D
6
0
0
2
AP PL ICATIO N CI RCUIT f or WWVB 6 0kH z
O1
O2
IC
CD1
CD2
IA1
IA2
VDD
Vcc
GND1
GND2
GND3
CAGC
CDEM
CD3
OD1
OD2
PON
STOP
6.8nF
1.8nF~6.8nF
VDD=3V
Antenna L1
f
=60kHz
R EG
4.7uF
22nF
47nF
VDD
µc
D
6
0
0
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com