| Electronic Components Datasheet Search |
|
NM95HS02 Datasheet(PDF) 7 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
NM95HS02 Datasheet(HTML) 7 Page - National Semiconductor (TI) |
|
7 / 20 page ![]() Programmable Signal Output Polarity The transmit (TX) output pin signal polarity and quiescent state output is controlled by the TxPol bit which may be configured in EEPR0M If TxPol e 0 the TX output pin will be at a logic low when no frame is transmitted or when a ‘‘0’’ appears as data in a frame Conversely if TxPoI e 1 the TX output pin will be at a logic high when no frame is transmitted or when a ‘‘1’’ appears as data in a frame This option allows the designer to choose between a config- uration where a logic ‘‘1’’ represents power transmission (for example when an RF stage is activated by driving the base of an NPN transistor) and a configuration where a logic ‘‘0’’ represents power transmission (for example when an IR LED is connected between VCC and the TX output) Data Frames The NM95HS0102 HiSeC Generator transmits the encrypt- ed data it generates as data frames These frames are transmitted through an IR or RF transmitter stage using the bit coding format selected The NM95HS0102 transmits two types of data frames a normal data frame and a synchronization (sync) frame The format of each frame is similar but there are slight differenc- es to suit the purposes of each Normal data frames are used to transmit encoded data in general operation Sync frames are used to synchronize (or initialize) the HiSeC to its decoder Data frames are comprised of a number of different fields Each field occupies a fixed position in the data frame and serves a specific purpose Most data fields are user-configu- rable to some extent The user may enabledisable the presence of a field control its length or modify its format The user also has several options available to tailor the data frame transmission format such as pause time between frames and time-out time Options are configured by pro- gramming the on-chip EEPR0M array The content and for- mat of each of the fields is discussed below NORMAL DATA FRAME The NM95HS0102 HiSeC Generator transmits normal data frames in general operating mode Frame transmission be- gins each time a key switch is asserted and continues as long as the key is held down The device has an option to terminate transmitting data frames and go into halt mode if a key is held down for more than 80 seconds (if the TlMEOUTEN feature has been enabled) The normal data frame format contains both dynamic code and key application data (in the data field) Since the length of several fields is adjustable there are several possibilities for the length of the data frame The shortest possible nor- mal data frame is 29 bits and the longest possible normal data frame is 92 bits 24 bits of dynamic code 4 bits of key application data and 1 stop bit are always present The composition of a normal data frame is shown in Figure 4 SYNC FRAME The NM95HS0102 HiSeC Generator transmits sync frames only in sync mode so that it can synchronize itself with its decoder This mode occurs only during initialization of the device or after holding a key down for more than 10 seconds (if the AutoResync feature has been enabled) The sync frame format contains both start code and a fixed 4-bit sync code of 0000 This sync code replaces the key application data in the data field and is used to confirm HiSeC sync mode to the decoder Sync mode is built into the generator to allow resynchroni- zation of the device under certain conditions as a conve- nience to the end user If the designer wishes to preclude any possible resynchronization the presence of the sync code allows the decoder to detect any synchronization at- tempt Since the length of several fields is adjustable there are several possibilities for the length of a sync frame The shortest possible sync frame is 45 bits and the longest pos- sible sync frame is 96 bits 40 bits of start code 4 bits of sync code and 1 stop bit are always present The composition of a sync frame is shown in Figure 5 011 bits 08 bits 02024 bits 4 bits 2436 bits 08 bits 1 bit Preamble Sync Key ID Data Dynamic Parity Stop Field Field Field Code Field Bit FIGURE 4 Normal Data Frame Configuration 011 bits 08 bits 02024 bits 4 bits 40 bits 08 bits 1 bit Preamble Sync Key ID Sync Start Parity Stop Field Field Code Code Field Bit FIGURE 5 Sync Frame Configuration Data Frame Fields Data frames are comprised of a number of data fields Each field occupies a fixed position in the data frame and serves a specific purpose Most data fields are user-configurable by programming the on-chip EEPROM array The content and format of each field is discussed below as well as the EEP- ROM options available All data frame fields are transmitted Most Significant Bit first THE PREAMBLE The user has the option of allowing a preamble to be trans- mitted as the first frame of either a normal data frame or a sync frame This option is enableddisabled by setting the PreamblePresent bit in the EEPROM array PreamblePre- sent e 0 means no preamble is transmitted PreamblePre- sent e 1 means an 11-bit preamble is transmitted as de- scribed below The purpose of the preamble is to generate a relatively long clearly recognizable bit pattern to give the decoder a chance to ‘‘wake up’’ and configure its logic circuits and registers This allows the receiver to be placed in a standby mode to conserve power for battery applications The preamble is only transmitted once as the first frame of a data transmission regardless of how long the key is held down although the remaining frames of the data transmis- sion (including any inter-frame pauses) will continue to re- peat as long as the key remains depressed http www nationalcom 7 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |