Electronic Components Datasheet Search
  English  ▼

X  

NM95HS02 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NM95HS02
Description  HiSeC-TM High Security Rolling Code Generator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NM95HS02 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button NM95HS02 Datasheet HTML 4Page - National Semiconductor (TI) NM95HS02 Datasheet HTML 5Page - National Semiconductor (TI) NM95HS02 Datasheet HTML 6Page - National Semiconductor (TI) NM95HS02 Datasheet HTML 7Page - National Semiconductor (TI) NM95HS02 Datasheet HTML 8Page - National Semiconductor (TI) NM95HS02 Datasheet HTML 9Page - National Semiconductor (TI) NM95HS02 Datasheet HTML 10Page - National Semiconductor (TI) NM95HS02 Datasheet HTML 11Page - National Semiconductor (TI) NM95HS02 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Data Frame Fields (Continued)
The preamble has a fixed format of two bit times at system
logic high then one-bit time at system logic low then eight
zeroes using the user-selected bit coding format This ar-
rangement is clearly shown in
Figure 6 for several bit coding
formats
If desired a preamble may be isolated from the frame by
eight-bit times at logic low during a frame transmission This
can be achieved by enabling the sync field in NRZ mode
with the byte 0h
SYNC FIELD
If enabled the sync field is transmitted in every normal data
frame or sync frame to provide a bit timing reference for the
rest of the frame This allows the decoder to determine the
proper bit coding format the generator is using and to syn-
chronize to it
The sync field option is set with the SyncPresent bit in the
EEPROM array If SyncPresent e 0 no sync field is sent If
SyncPresent e 1 an 8-bit sync field is included in the data
transmission This 8-bit field is transmitted Most Significant
Bit first
The sync field data is programmable and can be encoded
with any user-selected bit coding format or with an NRZ
(unencoded binary) bit format The option to select between
a user bit coding format and NRZ format is set by configur-
ing the SyncType bit in the EEPROM array If SyncType e
0 sync field data is sent according to the user-selected IR
or RF bit coding format If SyncType e 1 the information is
sent in NRZ
format with the bit length determined by the
chosen IR or RF bit coding format
For NRZ bit coding both high and low bit times are the
same as the IR or RF bit coding time For bit coding modes
where the ‘‘1’’s and ‘‘0’’s have different bit lengths
all IR
modes for example
the length of the NRZ ‘‘1’’ and ‘‘0’’
bits have correspondingly different bit lengths
RF bit coding format 7 is a special case As in the other
formats if SyncType e 0 information is sent according to
the user-set IR or RF bit coding format However if Sync-
Type e 1 a ‘‘0’’ is sent using the bit coding determined by
the IR or RF coding format and a ‘‘1’’ is sent as an NRZ
zero This is to maintain the ‘‘spirit’’ of the low duty cycle
arrangement for RF format 7
Figure 7 shows sync field examples for several bit coding
formats
TLD12302 – 17
FIGURE 6 Preamble Format Examples
TLD12302 – 18
FIGURE 7 Sync Field ExampIes for Data Byte 03h
http
www nationalcom
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com