Electronic Components Datasheet Search
  English  ▼

X  

B9000 Datasheet(PDF) 2 Page - EPCOS

Part # B9000
Description  Low-Loss Filter for Mobile Communication
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9000 Datasheet(HTML) 2 Page - EPCOS

  B9000 Datasheet HTML 1Page - EPCOS B9000 Datasheet HTML 2Page - EPCOS B9000 Datasheet HTML 3Page - EPCOS B9000 Datasheet HTML 4Page - EPCOS B9000 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Jan 31, 2003
SAW Components
B9000
1575,42 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Chip sized SAW package
2
4
5
3
0,075
2,0
bottom view
side view
top view
0.735
0,38
Features
s
Low-loss RF filter for GPS
s
Low amplitude ripple
s
No matching network required for operation
at 50
Ω
s
Ceramic package for Surface Mounted Technol-
ogy (SMT)
Terminals
s
Gold-plated Ni
Dimensions in mm, approx. weight 0,007 g
Pin configuration
4
Input, unbalanced
1
Output, unbalanced
2,5
Case ground
3
to be grounded
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B9000
B39162-B9000-C710
C61157-A7-A82
F61074-V8151-Z000
Maximum ratings
Operating temperature range
T
– 40/+ 85
˚C
Storage temperature range
Tstg
– 40/+ 85
˚C
DC voltage
VDC
3V
Input Power max. (source im-
pedance 50
Ω)
PIN
25,0
10,0
dBm
824...956, 1710...2170 MHz
elsewhere



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com