Electronic Components Datasheet Search
  English  ▼

X  

B9000 Datasheet(PDF) 3 Page - EPCOS

Part # B9000
Description  Low-Loss Filter for Mobile Communication
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9000 Datasheet(HTML) 3 Page - EPCOS

  B9000 Datasheet HTML 1Page - EPCOS B9000 Datasheet HTML 2Page - EPCOS B9000 Datasheet HTML 3Page - EPCOS B9000 Datasheet HTML 4Page - EPCOS B9000 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Jan 31, 2003
SAW Components
B9000
1575,42 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating Temperature Range:
T
= -40˚C to 85˚C
Terminating source impedance:
ZS
=50
Ω
Terminating load impedance:
ZL
=50
Ω
*)
TA = -30 ... +70 ˚C
min.
typ.
max.
Center frequency
fC
—
1575,42
—
MHz
Maximum insertion attenuation
α
max
1574,42 ... 1576,42 MHz*)
—
0,5
0,8
dB
1574,42 ... 1576,42 MHz
—
0,5
0,9
dB
Amplitude ripple
∆α
1574,42 ... 1576,42 MHz
—
0,0
0,3
dB
Absolute attenuation
α
500,0MHz ... 894,0 MHz
16
18
—
dB
894,0MHz ... 1500,0 MHz
15
17
—
dB
1650,0MHz ... 4000,0 MHz
18
20
—
dB
4000,0MHz ... 6000,0 MHz
15
20
—
dB
VSWR
1574,42MHz ...
1576,42MHz*)
—
1,1
1,5
1574,42MHz ...
1576,42 MHz
—
1,1
1,6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com