Electronic Components Datasheet Search
  English  ▼

X  

TF412 Datasheet(PDF) 1 Page - ON Semiconductor

Part # TF412
Description  N-Channel JFT 30V, 1.2 to 3.0mA, 5.0mS, SOT-883
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TF412 Datasheet(HTML) 1 Page - ON Semiconductor

  TF412 Datasheet HTML 1Page - ON Semiconductor TF412 Datasheet HTML 2Page - ON Semiconductor TF412 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
D1113HK No.A2258-1/3
Semiconductor Components Industries, LLC, 2013
December, 2013
http://onsemi.com
TF412
Features
 Small IGSS : max 1.0nA (VGS= 20V, VDS=0V)
 Small Ciss : typ 4pF (VDS=10V, VGS=0V, f=1MHz)
 Ultrasmall package facilitates miniaturization in end products
 Halogen free compliance
Applications
 Low-Frequency general-purpose amplifier,
impedance conversion, infrared sensor applications
Ordering & Package Information
Device
Package
Shipping (Qty / Packing)
TF412T5G
SOT-883
(Pb-Free / Halogen Free)
8000 / Tape & Reel
Specifications
Absolute Maximum Ratings at Ta = 25
C
Parameter
Symbol
Value
Unit
Drain-to-Source Voltage
VDSX
30
V
Gate-to-Drain Voltage
VGDS
30
V
Gate Current
IG
10
mA
Drain Current
ID
10
mA
Power Dissipation
PD
TBD
mW
Junction Temperature
Tj
50
C
Storage Temperature
Tstg
55 to +150
C
This product is designed to “ESD immunity < 200V*”, so please take care when handling.
* Machine Model
Electrical Characteristics at Ta
 25C, VM = 7.2V
Parameter
Symbol
Conditions
Value
Unit
min
typ
max
Gate-to-Drain Breakdown Voltage
V(BR)GDS IG = 10μA, VDS=0V
30
V
Gate-to-Source Leakage Current
IGSS
VGS = 20V, VDS=0V
10
nA
Cutoff Voltage
VGS(off)
VDS = 10V, ID = 1μA
1.18
0.60
1.5
V
Drain Current
IDSS
VDS = 10V, VGS = 0V
1.2
3.0
mA
Forward Transfer Admittance
| yfs |
VDS = 10V, VGS=0V, f = 1kHz
3.0
5.0
mS
Input Capacitance
Ciss
VDS = 10V, VGS = 0V, f = 1MHz
4
pF
Reverse Transfer Capacitance
Crss
1.1
pF
N-Channel JFT
30V, 1.2 to 3.0mA, 5.0mS, SOT-883
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Ordering number : EN*A2258
Advance Information
This document contains information on a new product. Specifications and information
herein are subject to change without notice.
Electrical Connection
1 : Source
2 : Drain
3 : Gate
Top view
1
2
3
Marking
A2 M
M
= Date Code
SOT-883
3
1
2


Similar Part No. - TF412

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
TF4126 VBSEMI-TF4126 Datasheet
1Mb / 7P
N-Channel 100-V (D-S) MOSFET
logo
ON Semiconductor
TF412S ONSEMI-TF412S Datasheet
130Kb / 4P
N-Channel JFET
April, 2014
TF412ST5G ONSEMI-TF412ST5G Datasheet
130Kb / 4P
N-Channel JFET
April, 2014
More results

Similar Description - TF412

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN1N20 STMICROELECTRONICS-STN1N20 Datasheet
45Kb / 6P
N - CHANNEL 200V - 1.2 ohm - 1A - SOT-223 POWER MOS TRANSISTOR
Sep-1999
STN4NE03 STMICROELECTRONICS-STN4NE03 Datasheet
91Kb / 8P
N - CHANNEL 30V - 0.045ohm - 4A - SOT-223 STripFET POWER MOSFET
Aug-1998
STN4NE03L STMICROELECTRONICS-STN4NE03L Datasheet
91Kb / 8P
N - CHANNEL 30V - 0.037ohm - 4A - SOT-223 STripFET POWER MOSFET
Aug-1998
STN4NF03L STMICROELECTRONICS-STN4NF03L Datasheet
260Kb / 8P
N-CHANNEL 30V - 0.039ohm - 6.5A SOT-223 STripFET™ II POWER MOSFET
Dec-2002
STN4NF03L STMICROELECTRONICS-STN4NF03L_06 Datasheet
228Kb / 12P
N-channel 30V - 0.039ohm - 6.5A - SOT-223 STripFET II Power MOSFET
09-Oct-2006
logo
Shanghai Leiditech Elec...
LMW8726 LEIDITECH-LMW8726 Datasheet
908Kb / 4P
N-channel 30V, 86A, TO-252 Power MOSFET
LMAK86N03 LEIDITECH-LMAK86N03 Datasheet
917Kb / 4P
N-channel 30V, 86A, TO-252 Power MOSFET
logo
ON Semiconductor
TF414 ONSEMI-TF414 Datasheet
287Kb / 3P
N-Channel JFET 40V, 50 to 130A, 0.11mS, SOT-883
January, 2014
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com