Electronic Components Datasheet Search
  English  ▼

X  

TF412 Datasheet(PDF) 2 Page - ON Semiconductor

Part # TF412
Description  N-Channel JFT 30V, 1.2 to 3.0mA, 5.0mS, SOT-883
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TF412 Datasheet(HTML) 2 Page - ON Semiconductor

  TF412 Datasheet HTML 1Page - ON Semiconductor TF412 Datasheet HTML 2Page - ON Semiconductor TF412 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TF412
No.A2258-2/3
ID -- VDS
ID -- VDS
Drain-to-Source Voltage, VDS -- V
Drain-to-Source Voltage, VDS -- V
ID -- VGS
ID -- VGS
Gate-to-Source Voltage, VGS -- V
Gate-to-Source Voltage, VGS -- V
IT16770
012345
0
1.0
0.5
1.5
2.0
2.5
3.0
VGS=0V
--0.2V
--0.3V
--0.4V
VGS=0V
--0.1V
--0.2V
IT16771
0
5
10
15
20
25
30
0
1.0
2.0
1.5
0.5
2.5
3.0
--0.1V
--0.3V
--0.4V
HD 131113
IT16773
--1.0
--0.8
--0.6
--0.4
--0.2
0
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
--1.0
--0.8
--0.6
--0.4
--0.2
0
0
2.5
2.0
1.5
0.5
1.0
3.0
3.5
--25
°C
VDS=10V
25
°C
Ta=75
°C
VDS=10V
Crss -- VDS
Drain-to-Source Voltage, VDS -- V
Ciss -- VDS
Drain-to-Source Voltage, VDS -- V
23
5 7
2
0.1
1.0
35 7
2
10
35 7 100
1.0
0.1
5
7
2
2
3
10
5
7
3
IT16777
VGS=0V
f=1MHz
IT16776
23
5 7
2
0.1
1.0
35 7
2
10
35 7 100
10
1.0
5
7
2
3
VGS=0V
f=1MHz
| yfs | -- IDSS
Drain Current, IDSS -- mA
VGS(off) -- IDSS
Drain Current, IDSS -- mA
HD131113
0
3.5
1.5
1.0
0.5
2.0
2.5
3.0
--0.4
--0.2
--1.2
0
--1.4
--0.8
--0.6
--1.0
VDS=10V
ID=1.0μA
HD131113
0.5
1.0
1.5
2.0
3.0
0
2.5
3.5
7
0
5
6
2
1
3
4
VDS=10V
VGS=0V
f=1kHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com