Electronic Components Datasheet Search
  English  ▼

X  

FSCM0565R Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSCM0565R
Description  Green-Mode Power Switch for Quasi-Resonant Operation - Low EMI and High Efficiency
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSCM0565R Datasheet(HTML) 2 Page - ON Semiconductor

  FSCM0565R Datasheet HTML 1Page - ON Semiconductor FSCM0565R Datasheet HTML 2Page - ON Semiconductor FSCM0565R Datasheet HTML 3Page - ON Semiconductor FSCM0565R Datasheet HTML 4Page - ON Semiconductor FSCM0565R Datasheet HTML 5Page - ON Semiconductor FSCM0565R Datasheet HTML 6Page - ON Semiconductor FSCM0565R Datasheet HTML 7Page - ON Semiconductor FSCM0565R Datasheet HTML 8Page - ON Semiconductor FSCM0565R Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Publication Order Number:
FSQ0565RS/D
© 2008
Semiconductor Components Industries, LLC.
October-2017, Rev. 3
FSQ0565RS/RQ
Green-Mode Power Switch
for Quasi-Resonant Operation - Low EMI and High Efficiency
Features
!
Optimized for Quasi-Resonant Converters (QRC)
!
Low EMI through Variable Frequency Control and AVS
(Alternating Valley Switching)
!
High-Efficiency through Minimum Voltage Switching
!
Narrow Frequency Variation Range over Wide Load
and Input Voltage Variation
!
Advanced Burst-Mode Operation for Low Standby
Power Consumption
!
Simple Scheme for Sync Voltage Detection
!
Pulse-by-Pulse Current Limit
!
Various Protection Functions: Overload Protection
(OLP), Over-Voltage Protection (OVP), Internal
Thermal Shutdown (TSD) with Hysteresis,
Output Short Protection (OSP)
!
Under-Voltage Lockout (UVLO) with Hysteresis
!
Internal Startup Circuit
!
Internal High-Voltage Sense FET (650V)
!
Built-in Soft-Start (17.5ms)
Applications
!
Power Supply for LCD TV and Monitor, VCR, SVR,
STB, and DVD & DVD Recorder
!
Adapter
Description
A Quasi-Resonant Converter (QRC) generally shows
lower EMI and higher power conversion efficiency than a
conventional hard-switched converter with a fixed
switching frequency. The FSQ-series is an integrated
Pulse-Width
Modulation
(PWM)
controller
and
SenseFET specifically designed for quasi-resonant
operation and Alternating Valley Switching (AVS). The
PWM controller includes an integrated fixed-frequency
oscillator, Under-Voltage Lockout (UVLO), Leading-
Edge Blanking (LEB), optimized gate driver, internal soft-
start, temperature-compensated precise current sources
for a loop compensation, and self-protection circuitry.
Compared with a discrete MOSFET and PWM controller
solution, the FSQ-series can reduce total cost,
component count, size, and weight; while simultaneously
increasing efficiency, productivity, and system reliability.
This device provides a basic platform for cost-effective
designs of quasi-resonant switching flyback converters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com