Electronic Components Datasheet Search
  English  ▼

X  

FSCM0565R Datasheet(PDF) 3 Page - ON Semiconductor

Part # FSCM0565R
Description  Green-Mode Power Switch for Quasi-Resonant Operation - Low EMI and High Efficiency
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSCM0565R Datasheet(HTML) 3 Page - ON Semiconductor

  FSCM0565R Datasheet HTML 1Page - ON Semiconductor FSCM0565R Datasheet HTML 2Page - ON Semiconductor FSCM0565R Datasheet HTML 3Page - ON Semiconductor FSCM0565R Datasheet HTML 4Page - ON Semiconductor FSCM0565R Datasheet HTML 5Page - ON Semiconductor FSCM0565R Datasheet HTML 6Page - ON Semiconductor FSCM0565R Datasheet HTML 7Page - ON Semiconductor FSCM0565R Datasheet HTML 8Page - ON Semiconductor FSCM0565R Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
www.onsemi.com
2
Ordering Information
Notes:
1. The junction temperature can limit the maximum output power.
2. 230VAC or 100/115VAC with doubler.
3. Typical continuous power in a non-ventilated enclosed adapter measured at 50°C ambient temperature.
4. Maximum practical continuous power in an open-frame design at 50°C ambient.
5. Eco Status, RoHS
Application Diagram
Figure 1. Typical Flyback Application
Product
Number
PKG.(5)
Operating
Temp.
Current
Limit
RDS(ON)
Max.
Maximum Output Power(1)
Replaces
Devices
230VAC±15%(2)
85-265VAC
Adapter(3)
Open
Frame(4)
Adapter(3)
Open
Frame(4)
FSQ0565RSWDTU
TO-220F-
6L
-25 to +85°C
2.25A
2.2
Ω
70W
80W
41W
60W
FSCM0565R
FSDM0565RE
FSQ0565RQWDTU
3.0A
FSQ0565RSLDTU TO-220F-
6L
(L-Forming)
-25 to +85°C
2.25A
2.2
Ω
70W
80W
41W
60W
FSCM0565R
FSDM0565RE
FSQ0565RQLDTU
3.0A
VCC
GND
Drain
Sync
VO
PWM
VFB
AC
IN
VSTR
FSQ0565RS Rev. 00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com