Electronic Components Datasheet Search
  English  ▼

X  

FDMS3604S Datasheet(PDF) 5 Page - ON Semiconductor

Part # FDMS3604S
Description  MOSFET – N-Channel, POWERTRENCH, Power Stage, Asymetric Dual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMS3604S Datasheet(HTML) 5 Page - ON Semiconductor

  FDMS3604S Datasheet HTML 1Page - ON Semiconductor FDMS3604S Datasheet HTML 2Page - ON Semiconductor FDMS3604S Datasheet HTML 3Page - ON Semiconductor FDMS3604S Datasheet HTML 4Page - ON Semiconductor FDMS3604S Datasheet HTML 5Page - ON Semiconductor FDMS3604S Datasheet HTML 6Page - ON Semiconductor FDMS3604S Datasheet HTML 7Page - ON Semiconductor FDMS3604S Datasheet HTML 8Page - ON Semiconductor FDMS3604S Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
FDMS3604S
www.onsemi.com
5
TYPICAL CHARACTERISTICS (Q1 N−CHANNEL)
TJ = 25°C Unless Otherwise Noted
Figure 1. On−Region Characteristics
0.0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
VGS = 4.5 V
VGS = 3.5 V
VGS = 6 V
VGS = 4 V
PULSE DURATION = 80
DUTY CYCLE = 0.5% MAX
VGS = 10 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
0
10203040
0
1
2
3
4
VGS = 6 V
VGS = 3.5 V
PULSE DURATION = 80
DUTY CYCLE = 0.5% MAX
ID, DRAIN CURRENT (A)
VGS = 4 V
VGS = 4.5 V
VGS = 10 V
−75 −50 −25
0
25
50
75 100 125 150
0.6
0.8
1.0
1.2
1.4
1.6
ID = 13 A
VGS = 10 V
TJ, JUNCTION TEMPERATURE (oC)
246810
0
4
8
12
16
20
TJ = 125oC
ID = 13 A
TJ = 25oC
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
DUTY CYCLE = 0.5% MAX
Figure 5. Transfer Characteristics
1.5
2.0
2.5
3.0
3.5
4.0
0
10
20
30
TJ = 150 oC
VDS = 5 V
PULSE DURATION = 80ms
DUTY CYCLE = 0.5% MAX
TJ = −55oC
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
40
TJ = −55oC
TJ = 25 oC
TJ = 150 oC
VGS = 0 V
VSD, BODY DIODE FORWARD VOLTAGE (V)
0.01
0.1
1
10
100
0.01
0.1
1
10
100
DC
100 ms
10 ms
1 ms
1 s
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY rDS(on)
SINGLE PULSE
TJ = MAX RATED
= 125oC/W
TA = 25
oC
10 s
100
200
10
−4
10
−3
10
−2
10
−1
110
100
1000
0.1
1
10
100
1000
SINGLE PULSE
RqJA = 1255C/W
TA = 25
5C
t, PULSE WIDTH (sec)
Figure 2. Normalized On−Resistance vs Drain
Current and Gate Voltage
Figure 3. Normalized On Resistance
vs Junction Temperature
Figure 4. On−Resistance vs Gate to Source
Voltage
Figure 5. Transfer Characteristics
Figure 6. Source to Drain Diode
Forward Voltage vs Source Current
ms
ms
ms
ms
RqJA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com