Electronic Components Datasheet Search
  English  ▼

X  

FDMS3604S Datasheet(PDF) 9 Page - ON Semiconductor

Part # FDMS3604S
Description  MOSFET – N-Channel, POWERTRENCH, Power Stage, Asymetric Dual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMS3604S Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FDMS3604S Datasheet HTML 5Page - ON Semiconductor FDMS3604S Datasheet HTML 6Page - ON Semiconductor FDMS3604S Datasheet HTML 7Page - ON Semiconductor FDMS3604S Datasheet HTML 8Page - ON Semiconductor FDMS3604S Datasheet HTML 9Page - ON Semiconductor FDMS3604S Datasheet HTML 10Page - ON Semiconductor FDMS3604S Datasheet HTML 11Page - ON Semiconductor FDMS3604S Datasheet HTML 12Page - ON Semiconductor FDMS3604S Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
FDMS3604S
www.onsemi.com
9
TYPICAL CHARACTERISTICS (Q2 N−CHANNEL)
TJ = 25°C Unless Otherwise Noted (continued)
Figure 20. Gate Charge Characteristics
Figure 21. Capacitance vs Drain to Source Voltage
Figure 22. Unclamped Inductive Switching
Capability
Figure 23. Maximum Continuous Drain Current
vs Case Temperature
Figure 24. Forward Bias Safe Operating Area
Figure 25. Single Pulse Maximum Power
Dissipation
01020304050
0
2
4
6
8
10
ID = 23 A
VDD = 20 V
VDD = 10 V
Qg, GATE CHARGE (nC)
VDD = 15 V
0.1
1
10
30
10
100
1000
10000
f = 1 MHz
VGS = 0 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
0.01
0.1
1
10
100
1000
1
10
50
TJ = 100 oC
TJ = 25 oC
TJ = 125 oC
tAV, TIME IN AVALANCHE (ms)
25
50
75
100
125
150
0
40
80
120
160
RqJC = 2
oC/W
VGS = 4.5 V
Limited by Package
VGS = 10 V
T
C, CASE TEMPERATURE (
oC)
0.01
0.1
1
10
100200
0.01
0.1
1
10
100
200
DC
100 ms
10 ms
1 ms
1s
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY rDS(on)
SINGLE PULSE
TJ = MAX RATED
RqJA = 120
oC/W
TA = 25
oC
10s
10
−3
10
−2
10
−1
110
100
1000
0.1
1
10
100
1000
SINGLE PULSE
RqJA = 120
oC/W
TA = 25
oC
t, PULSE WIDTH (sec)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com