Electronic Components Datasheet Search
  English  ▼

X  

STF7N65M6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STF7N65M6
Description  N-channel 650 V, 0.91 typ., 5 A, MDmesh™ M6 Power MOSFET in a TO‑220FP package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF7N65M6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STF7N65M6 Datasheet HTML 2Page - STMicroelectronics STF7N65M6 Datasheet HTML 3Page - STMicroelectronics STF7N65M6 Datasheet HTML 4Page - STMicroelectronics STF7N65M6 Datasheet HTML 5Page - STMicroelectronics STF7N65M6 Datasheet HTML 6Page - STMicroelectronics STF7N65M6 Datasheet HTML 7Page - STMicroelectronics STF7N65M6 Datasheet HTML 8Page - STMicroelectronics STF7N65M6 Datasheet HTML 9Page - STMicroelectronics STF7N65M6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Figure 7. Capacitance variations
GIPG290720161128CVR
10 3
10 2
10 1
10 0
10 -1
10 -1
10 0
10 1
10 2
C
(pF)
V DS (V)
C ISS
C OSS
C RSS
f = 1 MHz
Figure 8. Normalized gate threshold voltage vs
temperature
GIPG290720161143VTH
1.1
1
0.9
0.8
0.7
0.6
-75
-25
25
75
125
V GS(th)
(norm.)
ID=250 µA
TJ (°C)
Figure 9. Normalized on-resistance vs temperature
GIPG290720161206RON
2.2
1.8
1.4
1
0.6
0.2
-75
-25
25
75
125
R DS(on)
(norm.)
°
V GS =10 V
Figure 10. Normalized V(BR)DSS vs temperature
GIPG290720161215BDV
1.08
1.04
1
0.96
0.92
0.88
-75
-25
25
75
125
V (BR)DSS
(norm.)
ID= 1 mA
°
Figure 11. Output capacitance stored energy
GIPG290720161227EOS
2.4
2
1.6
1.2
0.8
0.4
0
0
100 200 300 400 500 600
V DS (V)
E
(μJ)
Figure 12. Source-drain diode forward characteristics
GIPG290720161328SDF
1.1
1
0.9
0.8
0.7
0.6
0.5
0
1
2
3
4
5
V SD
(V)
I SD (A)
Tj = 50°C
Tj = 150 °C
Tj = 25 °C
STF7N65M6
Electrical characteristics (curves)
DS11822 - Rev 2
page 6/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com