Electronic Components Datasheet Search
  English  ▼

X  

STF7N65M6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF7N65M6
Description  N-channel 650 V, 0.91 typ., 5 A, MDmesh™ M6 Power MOSFET in a TO‑220FP package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF7N65M6 Datasheet(HTML) 1 Page - STMicroelectronics

  STF7N65M6 Datasheet HTML 1Page - STMicroelectronics STF7N65M6 Datasheet HTML 2Page - STMicroelectronics STF7N65M6 Datasheet HTML 3Page - STMicroelectronics STF7N65M6 Datasheet HTML 4Page - STMicroelectronics STF7N65M6 Datasheet HTML 5Page - STMicroelectronics STF7N65M6 Datasheet HTML 6Page - STMicroelectronics STF7N65M6 Datasheet HTML 7Page - STMicroelectronics STF7N65M6 Datasheet HTML 8Page - STMicroelectronics STF7N65M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TO-220FP
1
2
3
AM15572v1_no_tab
D(2)
G(1)
S(3)
Features
Order code
VDS
RDS(on) max.
ID
STF7N65M6
650 V
0.99 Ω
5 A
•
Reduced switching losses
•
Lower RDS(on) per area vs previous generation
•
Low gate input resistance
•
100% avalanche tested
•
Zener-protected
Applications
•
Switching applications
Description
The new MDmesh™ M6 technology incorporates the most recent advancements to
the well-known and consolidated MDmesh family of SJ MOSFETs.
STMicroelectronics builds on the previous generation of MDmesh devices through its
new M6 technology, which combines excellent RDS(on) per area improvement with
one of the most effective switching behaviors available, as well as a user-friendly
experience for maximum end-application efficiency.
Product status link
STF7N65M6
Product summary
Order code
STF7N65M6
Marking
7N65M6
Package
TO-220FP
Packing
Tube
N-channel 650 V, 0.91 Ω typ., 5 A, MDmesh™ M6 Power MOSFET
in a TO
‑220FP package
STF7N65M6
Datasheet
DS11822 - Rev 2 - October 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STF7N65M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF7N65M2 STMICROELECTRONICS-STF7N65M2 Datasheet
904Kb / 13P
Extremely low gate charge
07-Aug-2014
logo
Inchange Semiconductor ...
STF7N65M2 ISC-STF7N65M2 Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF7N65M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF6N90K5 STMICROELECTRONICS-STF6N90K5 Datasheet
716Kb / 13P
N-channel 900 V, 0.91 Ω typ., 6 A MDmesh™ K5 Power MOSFET in a TO-220FP package
02-Nov-2016
STU7N65M6 STMICROELECTRONICS-STU7N65M6 Datasheet
458Kb / 13P
N-channel 650 V, 0.91 typ., 5 A, MDmesh™ M6 Power MOSFET in an IPAK package
October 2018 Rev 3
STF33N60M6 STMICROELECTRONICS-STF33N60M6 Datasheet
255Kb / 13P
N-channel 600 V, 105 m typ., 25 A, MDmesh™ M6 Power MOSFET in a TO-220FP package
18-Jul-2018
STF46N60M6 STMICROELECTRONICS-STF46N60M6 Datasheet
456Kb / 12P
N-channel 600 V, 68 mΩ typ., 36 A, MDmesh M6 Power MOSFET in a TO‑220FP package
20-Nov-2019
STF6N60DM2 STMICROELECTRONICS-STF6N60DM2 Datasheet
298Kb / 12P
N-channel 600 V, 0.95 typ., 5 A MDmesh™ DM2 Power MOSFET in a TO-220FP package
16-Mar-2020
STFU9N65M2 STMICROELECTRONICS-STFU9N65M2 Datasheet
462Kb / 12P
N-channel 650 V, 0.79 typ., 5 A MDmesh M2 Power MOSFET in a TO-220FP ultra narrow leads package
21-Jun-2019
STD3N65M6 STMICROELECTRONICS-STD3N65M6 Datasheet
630Kb / 18P
N-channel 650 V, 1.4 Ω typ., 3.5 A MDmesh M6 Power MOSFET in a DPAK package
08-Jul-2019
STD5N65M6 STMICROELECTRONICS-STD5N65M6 Datasheet
801Kb / 15P
N-channel 650 V, 1.15 Ω typ., 4 A MDmesh™ M6 Power MOSFET in a DPAK package
05-May-2016
STF18N60M6 STMICROELECTRONICS-STF18N60M6 Datasheet
451Kb / 13P
N-channel 600 V, 230 mΩ typ., 13 A, MDmesh™ M6 Power MOSFET in a TO-220FP package
15-Nov-2018
STF5N65M6 STMICROELECTRONICS-STF5N65M6 Datasheet
700Kb / 13P
N-channel 650 V, 1.15 Ω typ., 4 A MDmesh™ M6 Power MOSFET in a TO-220FP package
05-May-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com