Electronic Components Datasheet Search
  English  ▼

X  

STFU16N65M2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STFU16N65M2
Description  N-channel 650 V, 0.32 typ., 11 A MDmesh™ M2 Power MOSFET in a TO-220FP ultra narrow leads package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFU16N65M2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STFU16N65M2 Datasheet HTML 3Page - STMicroelectronics STFU16N65M2 Datasheet HTML 4Page - STMicroelectronics STFU16N65M2 Datasheet HTML 5Page - STMicroelectronics STFU16N65M2 Datasheet HTML 6Page - STMicroelectronics STFU16N65M2 Datasheet HTML 7Page - STMicroelectronics STFU16N65M2 Datasheet HTML 8Page - STMicroelectronics STFU16N65M2 Datasheet HTML 9Page - STMicroelectronics STFU16N65M2 Datasheet HTML 10Page - STMicroelectronics STFU16N65M2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
STFU16N65M2
Electrical characteristics
DocID030485 Rev 1
7/12
Figure 8: Gate charge vs. gate-source voltage
Figure 9: Capacitance variations
Figure 10: Normalized gate threshold voltage vs.
temperature
Figure 11: Normalized on-resistance vs. temperature
Figure 12: Source-drain diode forward
characteristics
Figure 13: Output capacitance stored energy
VGS
4
2
0
4
12
Qg(nC)
8
(V)
0
16
6
8
10
20
VDS (V)
0
100
200
300
400
500
VDD = 520 V
ID = 11 A
VDS
GIPD221020141708FSR
C
10
1
0.1
1
100
VDS(V)
10
(pF)
0.1
100
1000
Ciss
Coss
Crss
GIPD221020141716FSR
VGS(th)
0.8
-75
-25
25
Tj(°C)
(norm)
0.6
75
0.7
0.9
1.0
125
1.1
ID = 250 µ A
GIPD180920141442FSR
VSD
0.7
0
2
6
ISD(A)
4
(V)
0.5
8
0.6
0.8
0.9
Tj= 150°C
Tj= -50°C
Tj= 25°C
10
1
1.1
GIPD221020141733FSR
E
1
0
100
300
VDS(V)
200
(µJ)
0
400
500
600
2
3
4
5
GIPD221020141721FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com