Electronic Components Datasheet Search
  English  ▼

X  

STFU16N65M2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STFU16N65M2
Description  N-channel 650 V, 0.32 typ., 11 A MDmesh™ M2 Power MOSFET in a TO-220FP ultra narrow leads package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFU16N65M2 Datasheet(HTML) 3 Page - STMicroelectronics

  STFU16N65M2 Datasheet HTML 1Page - STMicroelectronics STFU16N65M2 Datasheet HTML 2Page - STMicroelectronics STFU16N65M2 Datasheet HTML 3Page - STMicroelectronics STFU16N65M2 Datasheet HTML 4Page - STMicroelectronics STFU16N65M2 Datasheet HTML 5Page - STMicroelectronics STFU16N65M2 Datasheet HTML 6Page - STMicroelectronics STFU16N65M2 Datasheet HTML 7Page - STMicroelectronics STFU16N65M2 Datasheet HTML 8Page - STMicroelectronics STFU16N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STFU16N65M2
Electrical ratings
DocID030485 Rev 1
3/12
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate-source voltage
± 25
V
ID
Drain current (continuous) at TC = 25 °C
11(1)
A
ID
Drain current (continuous) at TC = 100 °C
6.9(1)
A
IDM(2)
Drain current (pulsed)
44(1)
A
PTOT
Total dissipation at TC = 25 °C
25
W
VISO
Insulation withstand voltage (RMS) from all three leads to external
heat sink (t = 1 s; TC = 25 °C)
2500
V
dv/dt (3)
Peak diode recovery voltage slope
15
V/ns
dv/dt (4)
MOSFET dv/dt ruggedness
50
Tstg
Storage temperature range
-55 to 150
°C
Tj
Operating junction temperature range
Notes:
(1)Limited by maximum junction temperature..
(2)Pulse width limited by safe operating area.
(3)ISD ≤ 11 A, di/dt ≤ 400 A/µs; VDSpeak < V(BR)DSS, VDD=400 V
(4)VDS ≤ 520 V
Table 3: Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
5
°C/W
Rthj-amb
Thermal resistance junction-ambient
62.5
°C/W
Table 4: Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not repetitive (pulse width limited by Tjmax)
1.9
A
EAS
Single pulse avalanche energy (starting Tj = 25°C, ID = IAR; VDD = 50 V)
360
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com