Electronic Components Datasheet Search
  English  ▼

X  

STP12N65M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP12N65M2
Description  N-channel 650 V, 0.42 typ., 8 A MDmesh™ M2 Power MOSFET in a TO-220 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP12N65M2 Datasheet(HTML) 1 Page - STMicroelectronics

  STP12N65M2 Datasheet HTML 1Page - STMicroelectronics STP12N65M2 Datasheet HTML 2Page - STMicroelectronics STP12N65M2 Datasheet HTML 3Page - STMicroelectronics STP12N65M2 Datasheet HTML 4Page - STMicroelectronics STP12N65M2 Datasheet HTML 5Page - STMicroelectronics STP12N65M2 Datasheet HTML 6Page - STMicroelectronics STP12N65M2 Datasheet HTML 7Page - STMicroelectronics STP12N65M2 Datasheet HTML 8Page - STMicroelectronics STP12N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
November 2017
DocID031324 Rev 1
1/13
This is information on a product in full production.
www.st.com
STP12N65M2
N-
channel 650 V, 0.42 Ω typ., 8 A MDmesh™ M2
Power MOSFET in a TO-220 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
STP12N65M2
650 V
0.50 Ω
8 A
Extremely low gate charge
Excellent output capacitance (COSS) profile
100% avalanche tested
Zener-protected
Applications
Switching applications
Description
This device is an N-channel Power MOSFET
developed using MDmesh™ M2 technology.
Thanks to its strip layout and an improved vertical
structure, the device exhibits low on-resistance
and optimized switching characteristics,
rendering it suitable for the most demanding high
efficiency converters.
Table 1: Device summary
Order code
Marking
Package
Packing
STP12N65M2
12N65M2
TO-220
Tube
1
2
3
TO-220
TAB


Similar Part No. - STP12N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP12N65M5 STMICROELECTRONICS-STP12N65M5 Datasheet
1Mb / 23P
N-channel 650 V, 0.39 Ohm, 8.5 A MDmesh V Power MOSFET DPAK, I2PAK, TO-220FP, TO-220, IPAK
22-Jun-2011
logo
Inchange Semiconductor ...
STP12N65M5 ISC-STP12N65M5 Datasheet
303Kb / 2P
isc N-Channel Mosfet Transistor
logo
VBsemi Electronics Co.,...
STP12N65M5 VBSEMI-STP12N65M5 Datasheet
1Mb / 8P
N-Channel 650 V (D-S) MOSFET
More results

Similar Description - STP12N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF40N65M2 STMICROELECTRONICS-STF40N65M2 Datasheet
441Kb / 13P
N-channel 650 V, 0.087 Ω typ., 32 A MDmesh™ M2 Power MOSFET in a TO-220FP package
09-Feb-2014
STP15N60M2-EP STMICROELECTRONICS-STP15N60M2-EP Datasheet
518Kb / 14P
N-channel 600 V, 0.340 Ω typ., 11 A MDmesh™ M2 EP Power MOSFET in a TO-220 package
December 2014 Rev 2
STP25N60M2-EP STMICROELECTRONICS-STP25N60M2-EP Datasheet
253Kb / 14P
N-channel 600 V, 0.175 Ω typ., 18 A MDmesh™ M2 EP Power MOSFET in a TO-220 package
January 2015 Rev 2
STP20N60M2-EP STMICROELECTRONICS-STP20N60M2-EP Datasheet
276Kb / 14P
N-channel 600 V, 0.230 typ., 13 A MDmesh™ M2 EP Power MOSFET in a TO-220 package
04-Jun-2018
STP50N65DM6 STMICROELECTRONICS-STP50N65DM6 Datasheet
248Kb / 11P
N-channel 650 V, 74 m typ., 33 A, MDmesh DM6 Power MOSFET in a TO-220 package
28-Jul-2020
STP65N045M9 STMICROELECTRONICS-STP65N045M9 Datasheet
228Kb / 12P
N-channel 650 V, 39 mΩ typ., 55 A MDmesh M9 Power MOSFET in a TO-220 package
25-May-2022
STP65N150M9 STMICROELECTRONICS-STP65N150M9 Datasheet
225Kb / 12P
N-channel 650 V, 128 m typ., 20 A MDmesh M9 Power MOSFET in a TO-220 package
19-Jul-2022
STL10N65M2 STMICROELECTRONICS-STL10N65M2 Datasheet
796Kb / 15P
N-channel 650 V, 0.85 typ., 4.5 A MDmesh M2 Power MOSFET in a PowerFLAT 5x6 HV package
20-Jun-2019
STW70N65M2 STMICROELECTRONICS-STW70N65M2 Datasheet
716Kb / 12P
N-channel 650 V, 0.039 Ω typ., 63 A MDmesh™ M2 Power MOSFET in a TO-247 package
04-Feb-2016
STP65N150M9 STMICROELECTRONICS-STP65N150M9_V01 Datasheet
233Kb / 12P
N-channel 650 V, 128 mΩ typ., 20 A MDmesh M9 Power MOSFET in a TO-220 package
22-Feb-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com