Electronic Components Datasheet Search
  English  ▼

X  

STP30N65DM6AG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP30N65DM6AG
Description  Automotive-grade N-channel 650 V, 102 mΩ typ., 28 A MDmesh DM6 Power MOSFET in a TO-220 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP30N65DM6AG Datasheet(HTML) 1 Page - STMicroelectronics

  STP30N65DM6AG Datasheet HTML 1Page - STMicroelectronics STP30N65DM6AG Datasheet HTML 2Page - STMicroelectronics STP30N65DM6AG Datasheet HTML 3Page - STMicroelectronics STP30N65DM6AG Datasheet HTML 4Page - STMicroelectronics STP30N65DM6AG Datasheet HTML 5Page - STMicroelectronics STP30N65DM6AG Datasheet HTML 6Page - STMicroelectronics STP30N65DM6AG Datasheet HTML 7Page - STMicroelectronics STP30N65DM6AG Datasheet HTML 8Page - STMicroelectronics STP30N65DM6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
2
3
TO-220
TAB
D(2, TAB)
G(1)
S(3)
AM01476v1_tab
Features
Order code
VDS
RDS(on) max.
ID
STP30N65DM6AG
650 V
115 mΩ
28 A
•
AEC-Q101 qualified
•
Fast-recovery body diode
•
Lower RDS(on) per area vs previous generation
•
Low gate charge, input capacitance and resistance
•
100% avalanche tested
•
Extremely high dv/dt ruggedness
•
Zener-protected
Applications
•
Switching applications
Description
This high-voltage N-channel Power MOSFET is part of the MDmesh DM6 fast-
recovery diode series. Compared with the previous MDmesh fast generation,
DM6 combines very low recovery charge (Qrr), recovery time (trr) and excellent
improvement in RDS(on) per area with one of the most effective switching behaviors
available in the market for the most demanding high-efficiency bridge topologies and
ZVS phase-shift converters.
Product status link
STP30N65DM6AG
Product summary
Order code
STP30N65DM6AG
Marking
30N65DM6
Package
TO-220
Packing
Tube
Automotive-grade N-channel 650 V, 102 mΩ typ., 28 A MDmesh DM6
Power MOSFET in a TO-220 package
STP30N65DM6AG
Datasheet
DS13373 - Rev 2 - June 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STP30N65DM6AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP30N65M5 STMICROELECTRONICS-STP30N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.125 Ω, 22 A, MDmesh™V Power MOSFET D²PAK, TO-220FP, I²PAK, TO-220, TO-247
22-Sep-2011
logo
Inchange Semiconductor ...
STP30N65M5 ISC-STP30N65M5 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP30N65DM6AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWA30N65DM6AG STMICROELECTRONICS-STWA30N65DM6AG Datasheet
474Kb / 12P
Automotive-grade N-channel 650 V, 90 mΩ typ., 28 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
21-Jan-2020
STH30N65DM6-7AG STMICROELECTRONICS-STH30N65DM6-7AG Datasheet
816Kb / 14P
Automotive-grade N-channel 650 V, 102 mΩ typ., 28 A MDmesh DM6 Power MOSFET in an H²PAK-7 package
24-Jun-2021
STD9N65DM6AG STMICROELECTRONICS-STD9N65DM6AG Datasheet
336Kb / 15P
Automotive-grade N-channel 650 V, 365 m typ., 9 A MDmesh DM6 Power MOSFET in a DPAK package
17-Apr-2020
STWA32N65DM6AG STMICROELECTRONICS-STWA32N65DM6AG Datasheet
255Kb / 12P
Automotive-grade N-channel 650 V, 83 m typ., 37 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
10-Aug-2021
STWA38N65DM6AG STMICROELECTRONICS-STWA38N65DM6AG Datasheet
259Kb / 12P
Automotive-grade N-channel 650 V, 68 m typ., 42 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
16-Jul-2021
STWA46N65DM6AG STMICROELECTRONICS-STWA46N65DM6AG Datasheet
260Kb / 12P
Automotive-grade N-channel 650 V, 55 mΩ typ., 50 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
04-Aug-2021
STWA68N65DM6AG STMICROELECTRONICS-STWA68N65DM6AG Datasheet
275Kb / 12P
Automotive-grade N-channel 650 V, 33 m typ., 72 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
27-Jul-2020
STP50N65DM6 STMICROELECTRONICS-STP50N65DM6 Datasheet
248Kb / 11P
N-channel 650 V, 74 m typ., 33 A, MDmesh DM6 Power MOSFET in a TO-220 package
28-Jul-2020
STP65N045M9 STMICROELECTRONICS-STP65N045M9 Datasheet
228Kb / 12P
N-channel 650 V, 39 mΩ typ., 55 A MDmesh M9 Power MOSFET in a TO-220 package
25-May-2022
STP65N150M9 STMICROELECTRONICS-STP65N150M9_V01 Datasheet
233Kb / 12P
N-channel 650 V, 128 mΩ typ., 20 A MDmesh M9 Power MOSFET in a TO-220 package
22-Feb-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com