Electronic Components Datasheet Search
  English  ▼

X  

STP30N65DM6AG Datasheet(PDF) 10 Page - STMicroelectronics

Part # STP30N65DM6AG
Description  Automotive-grade N-channel 650 V, 102 mΩ typ., 28 A MDmesh DM6 Power MOSFET in a TO-220 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP30N65DM6AG Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STP30N65DM6AG Datasheet HTML 4Page - STMicroelectronics STP30N65DM6AG Datasheet HTML 5Page - STMicroelectronics STP30N65DM6AG Datasheet HTML 6Page - STMicroelectronics STP30N65DM6AG Datasheet HTML 7Page - STMicroelectronics STP30N65DM6AG Datasheet HTML 8Page - STMicroelectronics STP30N65DM6AG Datasheet HTML 9Page - STMicroelectronics STP30N65DM6AG Datasheet HTML 10Page - STMicroelectronics STP30N65DM6AG Datasheet HTML 11Page - STMicroelectronics STP30N65DM6AG Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Revision history
Table 9. Document revision history
Date
Revision
Changes
11-Jun-2020
1
First release.
09-Jun-2021
2
Modified RDS(on)max value on features table.
Modified Table 1. Absolute maximum ratings, Table 2. Thermal data, Table 4. On/off-state,
Table 6. Switching times.
Modified Figure 1. Safe operating area, Figure 2. Maximum transient thermal impedance,
Figure 3. Typical output characteristics, Figure 4. Typical transfer characteristics and
Figure 5. Typical drain-source on-resistance.
Minor text changes.
STP30N65DM6AG
DS13373 - Rev 2
page 10/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com