Electronic Components Datasheet Search
  English  ▼

X  

STP33N60M6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP33N60M6
Description  N-channel 600 V, 105 m typ., 25 A, MDmesh™ M6 Power MOSFET in a TO-220 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP33N60M6 Datasheet(HTML) 3 Page - STMicroelectronics

  STP33N60M6 Datasheet HTML 1Page - STMicroelectronics STP33N60M6 Datasheet HTML 2Page - STMicroelectronics STP33N60M6 Datasheet HTML 3Page - STMicroelectronics STP33N60M6 Datasheet HTML 4Page - STMicroelectronics STP33N60M6 Datasheet HTML 5Page - STMicroelectronics STP33N60M6 Datasheet HTML 6Page - STMicroelectronics STP33N60M6 Datasheet HTML 7Page - STMicroelectronics STP33N60M6 Datasheet HTML 8Page - STMicroelectronics STP33N60M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2
Electrical characteristics
(Tcase = 25 °C unless otherwise specified)
Table 4. On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, ID = 1 mA
600
V
IDSS
Zero gate voltage drain current
VGS = 0 V, VDS = 600 V
1
µA
VGS = 0 V, VDS = 600 V,
Tcase = 125 °C(1)
100
IGSS
Gate-body leakage current
VDS = 0 V, VGS = ±25 V
±5
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
3.25
4
4.75
V
RDS(on)
Static drain-source on-resistance
VGS = 10 V, ID = 12.5 A
105
125
mΩ
1. Defined by design, not subject to production test.
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 100 V, f = 1 MHz, VGS = 0 V
-
1515
-
pF
Coss
Output capacitance
-
128
-
Crss
Reverse transfer capacitance
-
4.2
-
Coss eq.(1)
Equivalent output capacitance
VDS = 0 to 480 V, VGS = 0 V
-
269
-
pF
RG
Intrinsic gate resistance
f = 1 MHz, ID = 0 A
-
1.5
-
Ω
Qg
Total gate charge
VDD = 480 V, ID = 25 A,
VGS = 0 to 10 V
(see Figure 14. Test circuit for gate
charge behavior)
-
33.4
-
nC
Qgs
Gate-source charge
-
7.2
-
Qgd
Gate-drain charge
-
16.3
-
1. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0
to 80% VDSS.
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 300 V, ID = 12.5 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 13. Test circuit for
resistive load switching times and
Figure 18. Switching time
waveform)
-
19.5
-
ns
tr
Rise time
-
33
-
td(off)
Turn-off delay time
-
38.5
-
tf
Fall time
-
7.5
-
STP33N60M6
Electrical characteristics
DS12640 - Rev 2
page 3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com