Electronic Components Datasheet Search
  English  ▼

X  

STP33N60M6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP33N60M6
Description  N-channel 600 V, 105 m typ., 25 A, MDmesh™ M6 Power MOSFET in a TO-220 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP33N60M6 Datasheet(HTML) 4 Page - STMicroelectronics

  STP33N60M6 Datasheet HTML 1Page - STMicroelectronics STP33N60M6 Datasheet HTML 2Page - STMicroelectronics STP33N60M6 Datasheet HTML 3Page - STMicroelectronics STP33N60M6 Datasheet HTML 4Page - STMicroelectronics STP33N60M6 Datasheet HTML 5Page - STMicroelectronics STP33N60M6 Datasheet HTML 6Page - STMicroelectronics STP33N60M6 Datasheet HTML 7Page - STMicroelectronics STP33N60M6 Datasheet HTML 8Page - STMicroelectronics STP33N60M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Table 7. Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
25
A
ISDM (1)
Source-drain current (pulsed)
-
78
A
VSD (2)
Forward on voltage
ISD = 25 A, VGS = 0 V
-
1.6
V
trr
Reverse recovery time
ISD = 25 A, di/dt = 100 A/µs,
VDD = 60 V
(see Figure 15. Test circuit for
inductive load switching and diode
recovery times)
-
265
ns
Qrr
Reverse recovery charge
-
3.07
µC
IRRM
Reverse recovery current
-
23.2
A
trr
Reverse recovery time
ISD = 25 A, di/dt = 100 A/µs,
VDD = 60 V, Tj = 150 °C
(see Figure 15. Test circuit for
inductive load switching and diode
recovery times)
-
374
ns
Qrr
Reverse recovery charge
-
5.78
µC
IRRM
Reverse recovery current
-
30.9
A
1. Pulse width is limited by safe operating area.
2. Pulsed: pulse duration = 300 µs, duty cycle 1.5%
STP33N60M6
Electrical characteristics
DS12640 - Rev 2
page 4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com