Electronic Components Datasheet Search
  English  ▼

X  

STP65N045M9 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP65N045M9
Description  N-channel 650 V, 39 mΩ typ., 55 A MDmesh M9 Power MOSFET in a TO-220 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP65N045M9 Datasheet(HTML) 5 Page - STMicroelectronics

  STP65N045M9 Datasheet HTML 1Page - STMicroelectronics STP65N045M9 Datasheet HTML 2Page - STMicroelectronics STP65N045M9 Datasheet HTML 3Page - STMicroelectronics STP65N045M9 Datasheet HTML 4Page - STMicroelectronics STP65N045M9 Datasheet HTML 5Page - STMicroelectronics STP65N045M9 Datasheet HTML 6Page - STMicroelectronics STP65N045M9 Datasheet HTML 7Page - STMicroelectronics STP65N045M9 Datasheet HTML 8Page - STMicroelectronics STP65N045M9 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GADG251120210953SOA
10 2
10 1
10 0
10 -1
10 -2
10 -1
10 0
10 1
10 2
ID
(A)
VDS (V)
tp =1µs
tp =10µs
tp =100µs
tp =1ms
tp =10ms
V(BR)DSS
Operation
in
this
area
is limited
by
RDS(on)
Single pulse
TJ ≤ 150 °C
TC = 25 °C
RDS(on) max.
IDM
Figure 2. Maximum transient thermal impedance
GADG251120210954ZTH
10 -1
10 -2
10 -3
10 -6
10 -5
10 -4
10 -3
10 -2
10 -1
tp (s)
ZthJC
(°C/W)
ton
T
duty = ton / T
RthJC = 0.51 °C/W
duty=0.5
0.4
0.3 0.2
Single pulse
0.05
0.1
Figure 3. Typical output characteristics
GADG251120210954OCH
150
120
90
60
30
0
0
2
4
6
8
10
12
ID
(A)
VDS (V)
VGS = 8, 9, 10 V
7 V
6 V
Figure 4. Typical transfer characteristics
GADG141220210753TCH
150
120
90
60
30
0
4
5
6
7
8
9
ID
(A)
VGS (V)
VDS = 14 V
Figure 5. Typical gate charge characteristics
GADG251120210955QVG
375
300
225
150
75
0
10
8
6
4
2
0
0
20
40
60
80
VDS
(V)
VGS
(V)
Qg (nC)
Qg
Qgs
Qgd
VDS
VGS
VDD = 400 V, ID = 28 A
Figure 6. Typical drain-source on-resistance
GADG251120210959RID
42
41
40
39
38
37
0
10
20
30
40
50
RDS(on)
(mΩ)
ID (A)
VGS = 10 V
STP65N045M9
Electrical characteristics (curves)
DS13506 - Rev 4
page 5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com