Electronic Components Datasheet Search
  English  ▼

X  

STU5N65M6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STU5N65M6
Description  N-channel 650 V, 1.15 typ., 4 A MDmesh™ M6 Power MOSFET in an IPAK package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU5N65M6 Datasheet(HTML) 1 Page - STMicroelectronics

  STU5N65M6 Datasheet HTML 1Page - STMicroelectronics STU5N65M6 Datasheet HTML 2Page - STMicroelectronics STU5N65M6 Datasheet HTML 3Page - STMicroelectronics STU5N65M6 Datasheet HTML 4Page - STMicroelectronics STU5N65M6 Datasheet HTML 5Page - STMicroelectronics STU5N65M6 Datasheet HTML 6Page - STMicroelectronics STU5N65M6 Datasheet HTML 7Page - STMicroelectronics STU5N65M6 Datasheet HTML 8Page - STMicroelectronics STU5N65M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
May 2016
DocID029218 Rev 2
1/12
This is information on a product in full production.
www.st.com
STU5N65M6
N-channel 650 V, 1.15
Ω typ., 4 A MDmesh™ M6
Power MOSFET in an IPAK package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
STU5N65M6
650 V
1.3 Ω
4 A
Reduced switching losses
Lower RDS(on) x area vs previous generation
Low gate input resistance
100% avalanche tested
Zener-protected
Applications
Switching applications
Description
The new MDmesh™ M6 technology incorporates
the most recent advancements to the well-known
and consolidated MDmesh family of SJ
MOSFETs. STMicroelectronics builds on the
previous generation of MDmesh devices through
its new M6 technology, which combines excellent
RDS(on) * area improvement with one of the most
effective switching behaviors available, as well as
a user-friendly experience for maximum end-
application efficiency.
Table 1: Device summary
Order code
Marking
Package
Packing
STU5N65M6
5N65M6
IPAK
Tube
3
2
1
TAB
IPAK


Similar Part No. - STU5N65M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU5N60M2 STMICROELECTRONICS-STU5N60M2 Datasheet
1Mb / 22P
Extremely low gate charge
16-Jun-2016
logo
Inchange Semiconductor ...
STU5N60M2 ISC-STU5N60M2 Datasheet
317Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STU5N62K3 STMICROELECTRONICS-STU5N62K3 Datasheet
1Mb / 19P
N-channel 620 V, 1.28 ohm, 4.2 A SuperMESH3 Power MOSFET
20-Oct-2010
logo
Inchange Semiconductor ...
STU5N62K3 ISC-STU5N62K3 Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STU5N65M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU9HN65M2 STMICROELECTRONICS-STU9HN65M2 Datasheet
417Kb / 12P
N-channel 600 V, 0.71 Ω typ., 5.5 A MDmesh™ M2 Power MOSFET in an IPAK package
23-Apr-2015
STI24N60M6 STMICROELECTRONICS-STI24N60M6 Datasheet
252Kb / 13P
N-channel 600 V, 162 m typ., 17 A, MDmesh™ M6 Power MOSFET in an I²PAK package
01-Aug-2018
STI33N60M6 STMICROELECTRONICS-STI33N60M6 Datasheet
430Kb / 13P
N-channel 600 V, 105 m typ., 25 A, MDmesh M6 Power MOSFET in an I2PAK package
17-Apr-2019
STU3N65M6 STMICROELECTRONICS-STU3N65M6 Datasheet
464Kb / 15P
N-channel 650 V, 1.4 typ., 3.5 A MDmesh™ M6 Power MOSFET in an IPAK package
December 2018 Rev 2
STU7N65M6 STMICROELECTRONICS-STU7N65M6 Datasheet
458Kb / 13P
N-channel 650 V, 0.91 typ., 5 A, MDmesh™ M6 Power MOSFET in an IPAK package
October 2018 Rev 3
STD3N65M6 STMICROELECTRONICS-STD3N65M6 Datasheet
630Kb / 18P
N-channel 650 V, 1.4 Ω typ., 3.5 A MDmesh M6 Power MOSFET in a DPAK package
08-Jul-2019
STD5N65M6 STMICROELECTRONICS-STD5N65M6 Datasheet
801Kb / 15P
N-channel 650 V, 1.15 Ω typ., 4 A MDmesh™ M6 Power MOSFET in a DPAK package
05-May-2016
STF5N65M6 STMICROELECTRONICS-STF5N65M6 Datasheet
700Kb / 13P
N-channel 650 V, 1.15 Ω typ., 4 A MDmesh™ M6 Power MOSFET in a TO-220FP package
05-May-2016
STW68N60M6-4 STMICROELECTRONICS-STW68N60M6-4 Datasheet
280Kb / 12P
N-channel 600 V, 35 mΩ typ., 63 A MDmesh™ M6 Power MOSFET in TO247-4 package
08-Nov-2018
STW75N60M6-4 STMICROELECTRONICS-STW75N60M6-4 Datasheet
513Kb / 12P
N-channel 600 V, 32 mΩ typ., 72 A, MDmesh™ M6 Power MOSFET in a TO247-4 package
07-Dec-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com