Electronic Components Datasheet Search
  English  ▼

X  

STWA65N65DM2AG Datasheet(PDF) 6 Page - STMicroelectronics

Part # STWA65N65DM2AG
Description  Automotive-grade N-channel 650 V, 42 m typ., 60 A MDmesh DM2 Power MOSFET in a TO-247 long leads package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWA65N65DM2AG Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STWA65N65DM2AG Datasheet HTML 2Page - STMicroelectronics STWA65N65DM2AG Datasheet HTML 3Page - STMicroelectronics STWA65N65DM2AG Datasheet HTML 4Page - STMicroelectronics STWA65N65DM2AG Datasheet HTML 5Page - STMicroelectronics STWA65N65DM2AG Datasheet HTML 6Page - STMicroelectronics STWA65N65DM2AG Datasheet HTML 7Page - STMicroelectronics STWA65N65DM2AG Datasheet HTML 8Page - STMicroelectronics STWA65N65DM2AG Datasheet HTML 9Page - STMicroelectronics STWA65N65DM2AG Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Figure 7. Capacitance variations
GIPG270715FQF9WCVR
10 4
10 3
10 2
10 1
10 0
10 -1
10 0
10 1
10 2
C
(pF)
V DS (V)
C ISS
C OSS
C RSS
f = 1 MHz
Figure 8. Normalized gate threshold voltage vs
temperature
GIPG270715FQF9WVTH
1.1
1.0
0.9
0.8
0.7
0.6
-75
-25
25
75
125
V GS(th)
(norm.)
T j (°C)
I D = 250 µA
Figure 9. Normalized on-resistance vs temperature
GIPG270715FQF9WRON
2.2
1.8
1.4
1.0
0.6
0.2
-75
-25
25
75
125
R DS(on)
(norm.)
T j (°C)
V GS = 10 V
Figure 10. Normalized V(BR)DSS vs temperature
GIPG270715FQF9WBDV
1.12
1.08
1.04
1.00
0.96
0.92
0.88
-75
-25
25
75
125
V (BR)DSS
(norm.)
T j (°C)
I D = 1 mA
Figure 11. Output capacitance stored energy
GIPG270715FQF9WEOS
36
30
24
18
12
6
0
0
100 200 300 400 500 600
E OSS
(µJ)
V DS (V)
Figure 12. Source- drain diode forward characteristics
GIPG270715FQF9WSDF
1.2
1.0
0.8
0.6
0.4
0.2
0
10
20
30
40
50
V SD
(V)
I SD (A)
T j = -50 °C
T j = 25 °C
T j = 150 °C
STWA65N65DM2AG
Electrical characteristics (curves)
DS12757 - Rev 3
page 6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com