Electronic Components Datasheet Search
  English  ▼

X  

STWA67N60DM6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STWA67N60DM6
Description  N-channel 600 V, 45 m typ., 58 A MDmesh DM6 Power MOSFET in a TO‑247 long leads package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWA67N60DM6 Datasheet(HTML) 1 Page - STMicroelectronics

  STWA67N60DM6 Datasheet HTML 1Page - STMicroelectronics STWA67N60DM6 Datasheet HTML 2Page - STMicroelectronics STWA67N60DM6 Datasheet HTML 3Page - STMicroelectronics STWA67N60DM6 Datasheet HTML 4Page - STMicroelectronics STWA67N60DM6 Datasheet HTML 5Page - STMicroelectronics STWA67N60DM6 Datasheet HTML 6Page - STMicroelectronics STWA67N60DM6 Datasheet HTML 7Page - STMicroelectronics STWA67N60DM6 Datasheet HTML 8Page - STMicroelectronics STWA67N60DM6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TO-247 long leads
D(2, TAB)
G(1)
S(3)
AM01476v1_tab
Features
Order code
VDS
RDS(on) max.
ID
STWA67N60DM6
600 V
54 mΩ
58 A
•
Fast-recovery body diode
•
Lower RDS(on) per area vs previous generation
•
Low gate charge, input capacitance and resistance
•
100% avalanche tested
•
Extremely high dv/dt ruggedness
•
Zener-protected
Applications
•
Switching applications
Description
This high-voltage N-channel Power MOSFET is part of the MDmesh DM6 fast-
recovery diode series. Compared with the previous MDmesh fast generation,
DM6 combines very low recovery charge (Qrr), recovery time (trr) and excellent
improvement in RDS(on) per area with one of the most effective switching behaviors
available in the market for the most demanding high-efficiency bridge topologies and
ZVS phase-shift converters.
Product status link
STWA67N60DM6
Product summary
Order code
STWA67N60DM6
Marking
67N60DM6
Package
TO-247 long leads
Packing
Tube
N-channel 600 V, 45 mΩ typ., 58 A MDmesh DM6 Power MOSFET in a
TO
‑247 long leads package
STWA67N60DM6
Datasheet
DS12933 - Rev 4 - June 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STWA67N60DM6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWA67N60M6 STMICROELECTRONICS-STWA67N60M6 Datasheet
1Mb / 12P
N-channel 600 V, 45 m typ., 52 A MDmesh M6 Power MOSFET in a TO-247 long leads package
18-Dec-2019
More results

Similar Description - STWA67N60DM6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWA30N65DM6AG STMICROELECTRONICS-STWA30N65DM6AG Datasheet
474Kb / 12P
Automotive-grade N-channel 650 V, 90 mΩ typ., 28 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
21-Jan-2020
STWA70N65DM6 STMICROELECTRONICS-STWA70N65DM6 Datasheet
949Kb / 12P
N-channel 650 V, 36 mΩ typ., 68 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
02-Jul-2020
STWA32N65DM6AG STMICROELECTRONICS-STWA32N65DM6AG Datasheet
255Kb / 12P
Automotive-grade N-channel 650 V, 83 m typ., 37 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
10-Aug-2021
STWA38N65DM6AG STMICROELECTRONICS-STWA38N65DM6AG Datasheet
259Kb / 12P
Automotive-grade N-channel 650 V, 68 m typ., 42 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
16-Jul-2021
STWA68N65DM6AG STMICROELECTRONICS-STWA68N65DM6AG Datasheet
275Kb / 12P
Automotive-grade N-channel 650 V, 33 m typ., 72 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
27-Jul-2020
STWA67N60M6 STMICROELECTRONICS-STWA67N60M6 Datasheet
1Mb / 12P
N-channel 600 V, 45 m typ., 52 A MDmesh M6 Power MOSFET in a TO-247 long leads package
18-Dec-2019
STWA68N65DM6 STMICROELECTRONICS-STWA68N65DM6 Datasheet
258Kb / 12P
N-channel 650 V, 51 m typ., 55 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
19-May-2021
STWA72N60DM6AG STMICROELECTRONICS-STWA72N60DM6AG Datasheet
279Kb / 12P
Automotive-grade N-channel 600 V, 37 m typ., 56 A, MDmesh DM6 Power MOSFET in a TO‑247 long leads package
20-May-2021
STWA75N65DM6 STMICROELECTRONICS-STWA75N65DM6 Datasheet
253Kb / 12P
N-channel 650 V, 33 m typ., 75 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
24-Sep-2021
STO67N60DM6 STMICROELECTRONICS-STO67N60DM6 Datasheet
1Mb / 15P
N-channel 600 V, 48 m typ., 58 A MDmesh DM6 Power MOSFET in a TO‑LL package
08-Jun-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com