Electronic Components Datasheet Search
  English  ▼

X  

PC703 Datasheet(PDF) 1 Page - Picker Components

Part # PC703
Description  1 Pole To 3 Pole 10 Amp Plug In Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC703 Datasheet(HTML) 1 Page - Picker Components

  PC703 Datasheet HTML 1Page - Picker Components PC703 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 Pole To 3 Pole 10 Amp Plug In Relay
FEATURES
Industry standard octal type base
Up to 10 amp switching capacity
Available with indicator light
Up to 1/3 horsepower rating
Available with push to test button
Sockets available from Picker Components
PC703
Load Type
General Purpose
Resistive
Motor
Voltage
120 VAC
240 VAC
28 VDC
240 VAC
120 VAC
All Versions
10 A
5 A
10 A
1/3 HP
1/6 HP
UL/CSA RATINGS
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgCdO (Silver Cadmium Oxide)
50 milliohms max @ 1A, 6VDC
1 X 107
1 X 105
CHARACTERISTICS
Operate Time
20 ms. Max.
Release Time
Insulation Resistance
20 ms. Max.
1,000 megohms min, at 500VDC, 50%RH
Dielectric Strength
1500 Vrms, 1 min. between coil and contacts
500 Vrms, 1 min. between open contacts
Shock Resistance
10 g, 11ms, functional; 100 g, destructive
Vibration Resistance
DA 1.5mm, 10-55 Hz
Power Consumption
DC coil 1.2 W, AC coil 2 VA
Ambient Temperature Range
-45 to 70 C, -40 to 130 C storage
Weight
79 grams approx.
120 VAC
240 VAC
10 A
5 A
Operations
Operations
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
All Contacts
PC703 Rev A 4-29-02
1500 Vrms, 1 min. between contact poles
PAGE 1
File # E93379
Certificate # LR 109231
ORDERING INFORMATION
Example:
PC703
Model
LM
Coil Voltage
2C-
Contact Form
1C, 2C, or 3C
120 A
XXX VDC or XXX VAC
Options
Nil: None; L: Indicator light; M: Push to test


Similar Part No. - PC703

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC703 SHARP-PC703 Datasheet
67Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC703V SHARP-PC703V Datasheet
67Kb / 4P
High Collector-emitter Voltage Type Photocoupler
More results

Similar Description - PC703

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC372 PICKER-PC372 Datasheet
167Kb / 2P
10 Amp Minature 2 Pole PCB Power Relay
PC731 PICKER-PC731 Datasheet
189Kb / 2P
1 Pole To 3 Pole 10 Amp Plug In or Panel
logo
Fuji Electric
FBR160 FUJI-FBR160 Datasheet
56Kb / 6P
POWER RELAY 1 POLE-3, 5, 10 A
logo
fujitsu semiconductor
FBR160 FUJITSU-FBR160 Datasheet
327Kb / 6P
POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
LZG-B12HMSE-K FUJITSU-LZG-B12HMSE-K Datasheet
58Kb / 6P
POWER RELAY 1 POLE-1, 3, 5, 10 A (CADMIUM FREE CONTACTS TYPE)
logo
ZETTLER Electronics
AZSR216 ZETTLER-AZSR216 Datasheet
288Kb / 2P
16 AMP 3-POLE SOLAR POWER RELAY
AZSR316 ZETTLER-AZSR316 Datasheet
288Kb / 2P
16 AMP 3-POLE SOLAR POWER RELAY
logo
Tyco Electronics
PTH MACOM-PTH Datasheet
333Kb / 4P
6 to 12 Amp Miniature Relay 2 or 4 Pole, PCB or Plug-in
logo
Neutrik AG
NP3XL NEUTRIK-NP3XL Datasheet
55Kb / 2P
3 pole 1/4' professional phone plug, up to 10 mm cable O.D.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com