Electronic Components Datasheet Search
  English  ▼

X  

PC703 Datasheet(PDF) 2 Page - Picker Components

Part # PC703
Description  1 Pole To 3 Pole 10 Amp Plug In Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC703 Datasheet(HTML) 2 Page - Picker Components

  PC703 Datasheet HTML 1Page - Picker Components PC703 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC703
PC703
COIL DATA
Coil Voltage
Resistance
ohms
Must Operate
Voltage Max.
Must Release
Voltage Min.
Voltage
Type
DC
AC
Coil
Power
6
12
24
48
110
125
6
12
24
48
220
240
32
120
472
1800
10000
10000
6.0
21.0
85.0
350
1980
2250
8400
9110
1.2 W
2.0 VA
4.5
9.0
18
36
93.75
82.5
19.2
38.4
93.5
102
187
204
0.6
1.2
2.4
4.8
12.5
0.6
1.2
2.4
4.8
11.0
12.0
22.0
24.0
PAGE 2
110
120
4.8
9.6
11.0
+ 10%
1
8
1
2
3
4
5
6
7
8
SPDT
1
2
3
4
5
6
7
8
DPDT
1
2
3
4
5
6
7
8
9
10
11
3PDT
2.15
(54.6)
1.37
(34.8)
2.73
(69.3)
1.29
(32.8)
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
Notes:
Tolerances+ .010 unless otherwise noted
8 Pin octal shown for simplicity
Note: Custom coil voltages within the ranges shown are available on special order.
Dimensions in Inches (Millimeters)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com