Electronic Components Datasheet Search
  English  ▼

X  

IRLR2908 Datasheet(PDF) 3 Page - International Rectifier

Part # IRLR2908
Description  AUTOMOTIVE MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR2908 Datasheet(HTML) 3 Page - International Rectifier

  IRLR2908 Datasheet HTML 1Page - International Rectifier IRLR2908 Datasheet HTML 2Page - International Rectifier IRLR2908 Datasheet HTML 3Page - International Rectifier IRLR2908 Datasheet HTML 4Page - International Rectifier IRLR2908 Datasheet HTML 5Page - International Rectifier IRLR2908 Datasheet HTML 6Page - International Rectifier IRLR2908 Datasheet HTML 7Page - International Rectifier IRLR2908 Datasheet HTML 8Page - International Rectifier IRLR2908 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IRLR2908/IRLU2908
www.irf.com
3
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Typical Forward Transconductance
vs. Drain Current
0.01
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
2.5V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
15V
10V
4.5V
4.0V
3.5V
3.0V
2.7V
BOTTOM
2.5V
0.01
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
2.5V
20µs PULSE WIDTH
Tj = 175°C
VGS
TOP
15V
10V
4.5V
4.0V
3.5V
3.0V
2.7V
BOTTOM
2.5V
0
10
20
30
40
50
60
ID, Drain-to-Source Current (A)
0
10
20
30
40
50
60
TJ = 25°C
TJ = 175°C
VDS = 10V
20µs PULSE WIDTH
2
3
4
5
VGS, Gate-to-Source Voltage (V)
1
10
100
1000
TJ = 25°C
TJ = 175°C
VDS = 25V
20µs PULSE WIDTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com