Electronic Components Datasheet Search
  English  ▼

X  

STF22N60DM6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF22N60DM6
Description  N-channel 600 V, 200 m typ., 15 A, MDmesh DM6 Power MOSFET in a TO‑220FP package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF22N60DM6 Datasheet(HTML) 5 Page - STMicroelectronics

  STF22N60DM6 Datasheet HTML 1Page - STMicroelectronics STF22N60DM6 Datasheet HTML 2Page - STMicroelectronics STF22N60DM6 Datasheet HTML 3Page - STMicroelectronics STF22N60DM6 Datasheet HTML 4Page - STMicroelectronics STF22N60DM6 Datasheet HTML 5Page - STMicroelectronics STF22N60DM6 Datasheet HTML 6Page - STMicroelectronics STF22N60DM6 Datasheet HTML 7Page - STMicroelectronics STF22N60DM6 Datasheet HTML 8Page - STMicroelectronics STF22N60DM6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GADG230920191112SOA
10 1
10 0
10 -1
10 -2
10 -1
10 0
10 1
10 2
ID
(A)
VDS (V)
IDM
Operation
in
this
area
is limited
by
R
DS(on)
RDS(on) max.
single pulse
TC = 25 °C
TJ ≤ 150 °C
VGS=10 V
tp =100 µs
tp =10 µs
tp =1 ms
V(BR)DSS
tp =1 µs
tp =10 ms
Figure 2. Maximum transient thermal impedance
GADG230920191112ZTH
10 0
10 -1
10 -2
10 -3
10 -6
10 -5
10 -4
10 -3
10 -2
10 -1
tp (s)
ton
T
duty = ton / T
RthJ-C = 4.3 (°C/W)
ZthJ-C
(°C/W)
duty=0.5
0.1
0.4
0.05
0.3
0.2
Figure 3. Typical output characteristics
GADG110220191516OCH
36
30
24
18
12
6
0
0
3
6
9
12
15
18
ID
(A)
VDS (V)
VGS = 6 V
VGS = 7 V
VGS = 8 V
VGS = 9 V
VGS = 10 V
Figure 4. Typical transfer characteristics
GADG110220191516TCH
36
30
24
18
12
6
0
3
4
5
6
7
8
9
ID
(A)
VGS (V)
VDS = 18 V
Figure 5. Typical gate charge characteristics
GADG110220191517QVG
600
500
400
300
200
100
0
12
10
8
6
4
2
0
0
4
8
12
16
20
24
VDS
(V)
VGS
(V)
Qg (nC)
VDS
Qg
Qgd
Qgs
VDD = 480 V, ID = 15 A
Figure 6. Typical capacitance characteristics
GADG110220191516CVR
10 3
10 2
10 1
10 0
10 0
10 1
10 2
C
(pF)
VDS (V)
CISS
COSS
CRSS
STF22N60DM6
Electrical characteristics (curves)
DS13120 - Rev 2
page 5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com