Electronic Components Datasheet Search
  English  ▼

X  

STF22N60DM6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STF22N60DM6
Description  N-channel 600 V, 200 m typ., 15 A, MDmesh DM6 Power MOSFET in a TO‑220FP package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF22N60DM6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STF22N60DM6 Datasheet HTML 2Page - STMicroelectronics STF22N60DM6 Datasheet HTML 3Page - STMicroelectronics STF22N60DM6 Datasheet HTML 4Page - STMicroelectronics STF22N60DM6 Datasheet HTML 5Page - STMicroelectronics STF22N60DM6 Datasheet HTML 6Page - STMicroelectronics STF22N60DM6 Datasheet HTML 7Page - STMicroelectronics STF22N60DM6 Datasheet HTML 8Page - STMicroelectronics STF22N60DM6 Datasheet HTML 9Page - STMicroelectronics STF22N60DM6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Figure 7. Typical drain-source on-resistance
GADG110220191515RID
215
210
205
200
195
190
0
3
6
9
12
15
RDS(on)
(mΩ)
ID (A)
VGS = 10 V
Figure 8. Normalized on-resistance vs temperature
GADG191220180856RON
2.5
2.0
1.5
1.0
0.5
0.0
-75
-25
25
75
125
RDS(on)
(norm.)
Tj (°C)
VGS = 10 V
Figure 9. Normalized gate threshold vs temperature
GADG191220180856VTH
1.1
1.0
0.9
0.8
0.7
0.6
-75
-25
25
75
125
VGS(th)
(norm.)
Tj (°C)
ID = 250 µA
Figure 10. Normalized breakdown voltage vs temperature
GADG191220180856BDV
1.10
1.05
1.00
0.95
0.90
0.85
-75
-25
25
75
125
V(BR)DSS
(norm.)
Tj (°C)
ID = 1 mA
Figure 11. Typical output capacitance stored energy
GADG110220191544EOS
7
6
5
4
3
2
1
0
0
100 200 300 400 500 600
E
(μJ)
VDS (V)
Figure 12. Typical reverse diode forward characteristics
GADG110220191515SDF
1.0
0.9
0.8
0.7
0.6
0.5
0
3
6
9
12
15
VSD
(V)
ISD (A)
TJ = -50 °C
TJ = 25 °C
TJ = 150 °C
STF22N60DM6
Electrical characteristics (curves)
DS13120 - Rev 2
page 6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com