Electronic Components Datasheet Search
  English  ▼

X  

STF33N60DM6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF33N60DM6
Description  N-channel 600 V, 115 m typ., 25 A, MDmesh DM6 Power MOSFET in a TO‑220FP package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF33N60DM6 Datasheet(HTML) 1 Page - STMicroelectronics

  STF33N60DM6 Datasheet HTML 1Page - STMicroelectronics STF33N60DM6 Datasheet HTML 2Page - STMicroelectronics STF33N60DM6 Datasheet HTML 3Page - STMicroelectronics STF33N60DM6 Datasheet HTML 4Page - STMicroelectronics STF33N60DM6 Datasheet HTML 5Page - STMicroelectronics STF33N60DM6 Datasheet HTML 6Page - STMicroelectronics STF33N60DM6 Datasheet HTML 7Page - STMicroelectronics STF33N60DM6 Datasheet HTML 8Page - STMicroelectronics STF33N60DM6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TO-220FP
1
2
3
AM15572v1_no_tab
D(2)
G(1)
S(3)
Features
Order code
VDS
RDS(on) max.
ID
STF33N60DM6
600 V
128 mΩ
25 A
•
Fast-recovery body diode
•
Lower RDS(on) per area vs previous generation
•
Low gate charge, input capacitance and resistance
•
100% avalanche tested
•
Extremely high dv/dt ruggedness
•
Zener-protected
Applications
•
Switching applications
Description
This high-voltage N-channel Power MOSFET is part of the MDmesh DM6 fast-
recovery diode series. Compared with the previous MDmesh fast generation, DM6
combines very low recovery charge (Qrr), recovery time (trr) and excellent
improvement in RDS(on) per area with one of the most effective switching behaviors
available in the market for the most demanding high-efficiency bridge topologies and
ZVS phase-shift converters.
Product status link
STF33N60DM6
Product summary
Order code
STF33N60DM6
Marking
33N60DM6
Package
TO-220FP
Packing
Tube
N-channel 600 V, 115 mΩ typ., 25 A, MDmesh DM6 Power MOSFET
in a TO
‑220FP package
STF33N60DM6
Datasheet
DS12937 - Rev 2 - July 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STF33N60DM6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF33N60DM2 STMICROELECTRONICS-STF33N60DM2 Datasheet
709Kb / 13P
N-channel 600 V, 0.110 Ω typ., 24 A MDmesh™ DM2 Power MOSFET in TO-220FP package
05-Jul-2016
More results

Similar Description - STF33N60DM6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD12N60DM6 STMICROELECTRONICS-STD12N60DM6 Datasheet
326Kb / 15P
N-channel 600 V, 345 mΩ typ., 10 A MDmesh DM6 Power MOSFET in a DPAK package
09-Oct-2020
STD15N60DM6 STMICROELECTRONICS-STD15N60DM6 Datasheet
346Kb / 17P
N-channel 600 V, 286 mΩ typ., 12 A MDmesh DM6 Power MOSFET in a DPAK package
19-May-2020
STF26N60DM6 STMICROELECTRONICS-STF26N60DM6 Datasheet
280Kb / 12P
N-channel 600 V, 165 mΩ typ., 18 A, MDmesh DM6 Power MOSFET in a TO-220FP package
10-Sep-2020
STW72N60DM6AG STMICROELECTRONICS-STW72N60DM6AG Datasheet
282Kb / 12P
Automotive-grade N-channel 600 V, 37 m typ., 56 A, MDmesh DM6 Power MOSFET in a TO‑247 package
STP33N60DM6 STMICROELECTRONICS-STP33N60DM6 Datasheet
273Kb / 12P
N-channel 600 V, 115 m typ., 25 A, MDmesh™ DM6 Power MOSFET in a TO‑220 package
18-May-2020
STF18N60DM2 STMICROELECTRONICS-STF18N60DM2 Datasheet
456Kb / 12P
N-channel 600 V, 0.260 typ., 12 A MDmesh DM2 Power MOSFET in a TO-220FP package
10-Jun-2019
STF22N60DM6 STMICROELECTRONICS-STF22N60DM6 Datasheet
266Kb / 12P
N-channel 600 V, 200 m typ., 15 A, MDmesh DM6 Power MOSFET in a TO‑220FP package
15-Sep-2020
STF33N60M6 STMICROELECTRONICS-STF33N60M6 Datasheet
255Kb / 13P
N-channel 600 V, 105 m typ., 25 A, MDmesh™ M6 Power MOSFET in a TO-220FP package
18-Jul-2018
STO67N60DM6 STMICROELECTRONICS-STO67N60DM6 Datasheet
1Mb / 15P
N-channel 600 V, 48 m typ., 58 A MDmesh DM6 Power MOSFET in a TO‑LL package
08-Jun-2021
STB33N60DM6 STMICROELECTRONICS-STB33N60DM6 Datasheet
424Kb / 14P
N-channel 600 V, 115 mΩ typ., 25 A, MDmesh DM6 Power MOSFET in a D2PAK package
02-Jul-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com