Electronic Components Datasheet Search
  English  ▼

X  

STFU13N60M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STFU13N60M2
Description  N-channel 600 V, 0.35 typ., 11 A MDmesh™ M2 Power MOSFET in a TO-220FP ultra narrow leads package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFU13N60M2 Datasheet(HTML) 1 Page - STMicroelectronics

  STFU13N60M2 Datasheet HTML 1Page - STMicroelectronics STFU13N60M2 Datasheet HTML 2Page - STMicroelectronics STFU13N60M2 Datasheet HTML 3Page - STMicroelectronics STFU13N60M2 Datasheet HTML 4Page - STMicroelectronics STFU13N60M2 Datasheet HTML 5Page - STMicroelectronics STFU13N60M2 Datasheet HTML 6Page - STMicroelectronics STFU13N60M2 Datasheet HTML 7Page - STMicroelectronics STFU13N60M2 Datasheet HTML 8Page - STMicroelectronics STFU13N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
September 2015
DocID027608 Rev 2
1/12
This is information on a product in full production.
www.st.com
STFU13N60M2
N-
channel 600 V, 0.35 Ω typ., 11 A MDmesh™ M2
Power MOSFET in a TO-220FP ultra narrow leads package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS @ TJmax
RDS(on) max
ID
STFU13N60M2
650 V
0.38 Ω
11 A
Extremely low gate charge
Lower RDS(on) x area vs previous generation
Low gate input resistance
100% avalanche tested
Zener-protected
Applications
Switching applications
Description
This device is an N-channel Power MOSFET
developed using
MDmesh™ M2 technology.
Thanks to its strip layout and an improved vertical
structure, the device exhibits low on-resistance
and optimized switching characteristics,
rendering it suitable for the most demanding high
efficiency converters.
Table 1: Device summary
Order code
Marking
Package
Packaging
STFU13N60M2
13N60M2
TO-220FP
ultra narrow leads
Tube
TO-220FP
ultra narrow leads
1
2
3
AM15572v1_no_tab
D(2)
G(1)
S(3)


Similar Part No. - STFU13N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFU13N65M2 STMICROELECTRONICS-STFU13N65M2 Datasheet
759Kb / 12P
N-channel 650 V, 0.37 Ω typ., 10 A MDmesh™M2 Power MOSFET in a TO-220FP ultra narrow leads package
26-May-2015
More results

Similar Description - STFU13N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFU13N65M2 STMICROELECTRONICS-STFU13N65M2 Datasheet
759Kb / 12P
N-channel 650 V, 0.37 Ω typ., 10 A MDmesh™M2 Power MOSFET in a TO-220FP ultra narrow leads package
26-May-2015
STFU15NM65N STMICROELECTRONICS-STFU15NM65N Datasheet
807Kb / 12P
N-channel 650 V, 0.35 Ω typ., 12 A MDmesh™ II Power MOSFET in a TO-220FP ultra narrow leads package
September 2015 Rev 2
STFU24N60M2 STMICROELECTRONICS-STFU24N60M2 Datasheet
692Kb / 12P
N-channel 600 V, 0.168 Ω typ., 18 A MDmesh™ M2 Power MOSFET in a TO-220FP ultra narrow leads package
08-Sep-2015
STFU16N65M2 STMICROELECTRONICS-STFU16N65M2 Datasheet
646Kb / 12P
N-channel 650 V, 0.32 typ., 11 A MDmesh™ M2 Power MOSFET in a TO-220FP ultra narrow leads package
April 2017 Rev 1
STF11N60M2-EP STMICROELECTRONICS-STF11N60M2-EP Datasheet
305Kb / 14P
N-channel 600 V, 0.550 typ., 7.5 A MDmesh™ M2 EP Power MOSFET in a TO-220FP package
23-Apr-2018
STFU11N65M2 STMICROELECTRONICS-STFU11N65M2 Datasheet
454Kb / 12P
N-channel 650 V, 0.60 typ., 7 A MDmesh M2 Power MOSFET in a TO-220FP ultra narrow leads package
25-Jun-2019
STFU18N60M2 STMICROELECTRONICS-STFU18N60M2 Datasheet
513Kb / 12P
N-channel 600 V, 0.255 typ., 13 A MDmesh M2 Power MOSFET in a TO-220FP ultra narrow leads package
20-Jun-2019
STFU25N60M2-EP STMICROELECTRONICS-STFU25N60M2-EP Datasheet
271Kb / 13P
N-channel 600 V, 0.175 typ., 18 A MDmesh™ M2 EP Power MOSFET in a TO-220FP ultra narrow leads package
May 2018 Rev 4
STFU26N60M2 STMICROELECTRONICS-STFU26N60M2 Datasheet
704Kb / 12P
N-channel 600 V, 0.14 Ω typ., 20 A MDmesh™ M2 Power MOSFET in TO-220FP ultra narrow leads package
27-Jul-2017
STFU9N65M2 STMICROELECTRONICS-STFU9N65M2 Datasheet
462Kb / 12P
N-channel 650 V, 0.79 typ., 5 A MDmesh M2 Power MOSFET in a TO-220FP ultra narrow leads package
21-Jun-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com