Electronic Components Datasheet Search
  English  ▼

X  

STFU13N60M2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STFU13N60M2
Description  N-channel 600 V, 0.35 typ., 11 A MDmesh™ M2 Power MOSFET in a TO-220FP ultra narrow leads package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFU13N60M2 Datasheet(HTML) 4 Page - STMicroelectronics

  STFU13N60M2 Datasheet HTML 1Page - STMicroelectronics STFU13N60M2 Datasheet HTML 2Page - STMicroelectronics STFU13N60M2 Datasheet HTML 3Page - STMicroelectronics STFU13N60M2 Datasheet HTML 4Page - STMicroelectronics STFU13N60M2 Datasheet HTML 5Page - STMicroelectronics STFU13N60M2 Datasheet HTML 6Page - STMicroelectronics STFU13N60M2 Datasheet HTML 7Page - STMicroelectronics STFU13N60M2 Datasheet HTML 8Page - STMicroelectronics STFU13N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
STFU13N60M2
4/12
DocID027608 Rev 2
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 5: On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
ID = 1 mA, VGS = 0 V
600
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = 600 V
1
µA
VDS = 600 V, TC = 125 °C
100
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 25 V
±10
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
2
3
4
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID = 5.5 A
0.35
0.38
Ω
Table 6: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 100 V, f = 1 MHz,
VGS = 0 V
-
580
-
pF
Coss
Output capacitance
-
32
-
pF
Crss
Reverse transfer capacitance
-
1.1
-
pF
C
oss eq.
(1)
Equivalent output capacitance
VDS = 0 to 480 V, VGS = 0 V
-
120
-
pF
RG
Intrinsic gate resistance
f = 1 MHz open drain
-
6.6
-
Ω
Qg
Total gate charge
VDD = 480 V, ID = 11 A,
VGS = 10 V ( see Figure 15:
"Test circuit for gate charge
behavior" )
-
17
-
nC
Qgs
Gate-source charge
-
2.5
-
nC
Qgd
Gate-drain charge
-
9
-
nC
Notes:
(1)Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS.
Table 7: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 300 V, ID = 5.5 A,
RG = 4.7
Ω, VGS = 10 V (
see Figure 14: "Test circuit
for resistive load switching
times" and Figure 19:
"Switching time waveform" )
-
11
-
ns
tr
Rise time
-
10
-
ns
td(off)
Turn-off delay time
-
41
-
ns
tf
Fall time
-
9.5
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com