Electronic Components Datasheet Search
  English  ▼

X  

18N60M2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # 18N60M2
Description  N-channel 600 V, 0.255 typ., 13 A MDmesh M2 Power MOSFET in a TO-220FP ultra narrow leads package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

18N60M2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button 18N60M2 Datasheet HTML 2Page - STMicroelectronics 18N60M2 Datasheet HTML 3Page - STMicroelectronics 18N60M2 Datasheet HTML 4Page - STMicroelectronics 18N60M2 Datasheet HTML 5Page - STMicroelectronics 18N60M2 Datasheet HTML 6Page - STMicroelectronics 18N60M2 Datasheet HTML 7Page - STMicroelectronics 18N60M2 Datasheet HTML 8Page - STMicroelectronics 18N60M2 Datasheet HTML 9Page - STMicroelectronics 18N60M2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Figure 7. Capacitance variations
C
100
10
1
0.1
10
VDS (V)
(pF)
1
100
Ciss
Coss
Crss
1000
AM15841v1
Figure 8. Normalized gate threshold voltage vs.
temperature
GIPG070815BQ6KLVTH
1.1
1.0
0.9
0.8
0.7
0.6
-75
-25
25
75
125
VGS(th)
(norm.)
TJ (°C)
ID = 250 µA
Figure 9. Normalized on-resistance vs temperature
GIPG070815BQ6KLRON
2.4
2.0
1.6
1.2
0.8
0.4
0.0
-75
-25
25
75
125
RDS(on)
(norm.)
TJ (°C)
VGS = 10 V
Figure 10. Source-drain diode forward characteristics
VSD
0
2
ISD(A)
(V)
4
0.0
0.2
0.4
0.6
TJ=-50°C
TJ=150°C
TJ=25°C
0.8
6
1.0
1.2
1.4
8
10
12
AM15842v1
Figure 11. Normalized V(BR)DSS vs temperature
GIPG070815BQ6KLBDV
1.12
1.08
1.04
1.00
0.96
0.92
0.88
-75
-25
25
75
125
V(BR)DSS
(norm.)
TJ (°C)
ID = 1 mA
Figure 12. Output capacitance stored energy
Eoss
0
VDS (V)
(µJ)
200
100
500
0
1
2
3
300 400
600
4
5
6
AM15843v1
STFU18N60M2
Electrical characteristics (curves)
DS10930 - Rev 3
page 6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com