Electronic Components Datasheet Search
  English  ▼

X  

18N60M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 18N60M2
Description  N-channel 600 V, 0.255 typ., 13 A MDmesh M2 Power MOSFET in a TO-220FP ultra narrow leads package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

18N60M2 Datasheet(HTML) 1 Page - STMicroelectronics

  18N60M2 Datasheet HTML 1Page - STMicroelectronics 18N60M2 Datasheet HTML 2Page - STMicroelectronics 18N60M2 Datasheet HTML 3Page - STMicroelectronics 18N60M2 Datasheet HTML 4Page - STMicroelectronics 18N60M2 Datasheet HTML 5Page - STMicroelectronics 18N60M2 Datasheet HTML 6Page - STMicroelectronics 18N60M2 Datasheet HTML 7Page - STMicroelectronics 18N60M2 Datasheet HTML 8Page - STMicroelectronics 18N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TO-220FP
ultra narrow leads
1
2
3
AM15572v1_no_tab
D(2)
G(1)
S(3)
Features
Order code
V DS
RDS(on) max
ID
STFU18N60M2
600 V
0.280 Ω
13 A
•
Extremely low gate charge
•
Excellent output capacitance (COSS) profile
•
100% avalanche tested
•
Zener-protected
Applications
•
Switching applications
•
LLC converters, resonant converters
Description
This device is an N-channel Power MOSFET developed using MDmesh M2
technology. Thanks to its strip layout and an improved vertical structure, the device
exhibits low on-resistance and optimized switching characteristics, rendering it
suitable for the most demanding high efficiency converters.
Product status link
STFU18N60M2
Product summary
Order code
STFU18N60M2
Marking
18N60M2
Package
TO-220FP
ultra narrow leads
Packing
Tube
N-channel 600 V, 0.255 Ω typ., 13 A MDmesh M2 Power MOSFET in a
TO-220FP ultra narrow leads package
STFU18N60M2
Datasheet
DS10930 - Rev 3 - June 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - 18N60M2

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
18N60 UTC-18N60 Datasheet
143Kb / 3P
POLARHV HIPERFET POWER MOSFET
18N60 UTC-18N60 Datasheet
147Kb / 3P
600V N-CHANNEL POWER MOSFET
18N60 UTC-18N60 Datasheet
147Kb / 3P
18A,600V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
18N60 ISC-18N60 Datasheet
61Kb / 2P
Fast Switching
18N60 ISC-18N60 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - 18N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF9HN65M2 STMICROELECTRONICS-STF9HN65M2 Datasheet
444Kb / 13P
N-channel 600 V, 0.71 Ω typ., 5.5 A MDmesh™ M2 Power MOSFET in a TO-220FP package
April 2015 Rev 2
STFU13N65M2 STMICROELECTRONICS-STFU13N65M2 Datasheet
759Kb / 12P
N-channel 650 V, 0.37 Ω typ., 10 A MDmesh™M2 Power MOSFET in a TO-220FP ultra narrow leads package
26-May-2015
STFU24N60M2 STMICROELECTRONICS-STFU24N60M2 Datasheet
692Kb / 12P
N-channel 600 V, 0.168 Ω typ., 18 A MDmesh™ M2 Power MOSFET in a TO-220FP ultra narrow leads package
08-Sep-2015
STFU16N65M2 STMICROELECTRONICS-STFU16N65M2 Datasheet
646Kb / 12P
N-channel 650 V, 0.32 typ., 11 A MDmesh™ M2 Power MOSFET in a TO-220FP ultra narrow leads package
April 2017 Rev 1
STF20N60M2-EP STMICROELECTRONICS-STF20N60M2-EP Datasheet
288Kb / 14P
N-channel 600 V, 0.230 typ., 13 A, MDmesh™ M2 EP Power MOSFET in a TO-220FP package
04-Jun-2018
STFU11N65M2 STMICROELECTRONICS-STFU11N65M2 Datasheet
454Kb / 12P
N-channel 650 V, 0.60 typ., 7 A MDmesh M2 Power MOSFET in a TO-220FP ultra narrow leads package
25-Jun-2019
STFU13N60M2 STMICROELECTRONICS-STFU13N60M2 Datasheet
655Kb / 12P
N-channel 600 V, 0.35 typ., 11 A MDmesh™ M2 Power MOSFET in a TO-220FP ultra narrow leads package
September 2015 Rev 2
STFU25N60M2-EP STMICROELECTRONICS-STFU25N60M2-EP Datasheet
271Kb / 13P
N-channel 600 V, 0.175 typ., 18 A MDmesh™ M2 EP Power MOSFET in a TO-220FP ultra narrow leads package
May 2018 Rev 4
STFU26N60M2 STMICROELECTRONICS-STFU26N60M2 Datasheet
704Kb / 12P
N-channel 600 V, 0.14 Ω typ., 20 A MDmesh™ M2 Power MOSFET in TO-220FP ultra narrow leads package
27-Jul-2017
STFU9N65M2 STMICROELECTRONICS-STFU9N65M2 Datasheet
462Kb / 12P
N-channel 650 V, 0.79 typ., 5 A MDmesh M2 Power MOSFET in a TO-220FP ultra narrow leads package
21-Jun-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com