Electronic Components Datasheet Search
  English  ▼

X  

STO67N60DM6 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STO67N60DM6
Description  N-channel 600 V, 48 m typ., 58 A MDmesh DM6 Power MOSFET in a TO‑LL package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STO67N60DM6 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STO67N60DM6 Datasheet HTML 5Page - STMicroelectronics STO67N60DM6 Datasheet HTML 6Page - STMicroelectronics STO67N60DM6 Datasheet HTML 7Page - STMicroelectronics STO67N60DM6 Datasheet HTML 8Page - STMicroelectronics STO67N60DM6 Datasheet HTML 9Page - STMicroelectronics STO67N60DM6 Datasheet HTML 10Page - STMicroelectronics STO67N60DM6 Datasheet HTML 11Page - STMicroelectronics STO67N60DM6 Datasheet HTML 12Page - STMicroelectronics STO67N60DM6 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Table 8. TO-LL type A2 package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
2.20
2.30
2.40
A1
0.40
0.48
0.60
b
0.70
0.80
0.90
c
0.46
c1
0.15
C
10.28
10.38
10.48
C2
2.35
2.45
2.55
C3
1.16
D
9.80
9.90
10.00
D2
3.30
3.50
3.70
D3
9.30
9.40
9.50
D4
8.20
8.40
8.60
D5
9.50
9.70
9.90
D6
7.40
D7
2.20
e
1.20
E
11.48
11.68
11.88
E1
5.58
E2
6.15
E3
5.14
E4
0.90
E5
0.72
E6
7.03
7.23
7.43
E7
1.44
E8
0.50
0.70
0.90
K
1.70
1.90
2.10
K1
2.40
L
0.70
L1
0.44
L2
0.40
0.60
0.80
θ
11°
STO67N60DM6
TO-LL type A2 package information
DS13219 - Rev 5
page 9/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com