Electronic Components Datasheet Search
  English  ▼

X  

PTH12010WAS Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12010WAS
Description  12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12010WAS Datasheet(HTML) 10 Page - Texas Instruments

Back Button PTH12010WAS Datasheet HTML 6Page - Texas Instruments PTH12010WAS Datasheet HTML 7Page - Texas Instruments PTH12010WAS Datasheet HTML 8Page - Texas Instruments PTH12010WAS Datasheet HTML 9Page - Texas Instruments PTH12010WAS Datasheet HTML 10Page - Texas Instruments PTH12010WAS Datasheet HTML 11Page - Texas Instruments PTH12010WAS Datasheet HTML 12Page - Texas Instruments PTH12010WAS Datasheet HTML 13Page - Texas Instruments PTH12010WAS Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
www.ti.com
DESIGNING FOR VERY FAST LOAD TRANSIENTS
PTH12010W, PTH12010L
SLTS205E–JUNE 2003–REVISED APRIL 2006
APPLICATION INFORMATION (continued)
The transient response of the DC/DC converter has been characterized using a load transient with a di/dt of
1 A/µs. The typical voltage deviation for this load transient is given in the data sheet specification table using the
optional value of output capacitance. As the di/dt of a transient is increased, the response of a converter’s
regulation circuit ultimately depends on its output capacitor decoupling network. This is an inherent limitation
with any dc/dc converter once the speed of the transient exceeds its bandwidth capability. If the target
application specifies a higher di/dt or lower voltage deviation, the requirement can only be met with additional
output capacitor decoupling. In these cases special attention must be paid to the type, value and ESR of the
capacitors selected.
If the transient performance requirements exceed that specified in the data sheet, or the total amount of load
capacitance is above 3000 µF, the selection of output capacitors becomes more important.
Table 1. Input/Output Capacitors(29)
CAPACITOR CHARACTERISTICS
QUANTITY
CAPACITOR VENDOR,
WORKING VALUE
MAX. ESR
MAX RIPPLE
PHYSICAL
INPUT
OPTIONAL VENDOR PART
TYPE/SERIES, (STYLE)
VOLTAGE
(µF)
AT 100 kHz
CURRENT AT
SIZE (mm)
BUS
OUTPUT
NUMBER
85°C (lrms)
BUS
Panasonic, Aluminum
25 V
560
0.065 Ω
1205 mA
12,5 x 15
1
1
EEUFC1E561S
(FC)
FC, Radial
25 V
1000
0.060 Ω
1100 mA
12,5 x 13,5
1
1
EEVFK1E102Q
FK, (SMD)
35 V
680
0.060 Ω
1100 mA
12,5 x 13,5
1
1
EEVFK1V681Q
United Chemi-Con
PS, Poly-Aluminum
16 V
330
0.014 Ω
5050 mA
10 x 12,5
2
≤2
16PS330MJ12
(Radial)
LXZ, Aluminium (Radial)
16 V
680
0.068 Ω
1050 mA
10 x 16
1
1
LXZ16VB681M10X16LL
PXA, Poly-Aluminum
16 V
330
0.014 Ω
5050 mA
10 x 12,2
2
≤2
PXA16VC331MJ12TP
(SMD)
Nichicon, Aluminum
25 V
560
0.060 Ω
1060 mA
12,5 x 15
1
1
UPM1E561MHH6
(PM)
HD, (Radial)
16 V
680
0.038 Ω
1430 mA
10 x 16
1
1
UHD1C681MPR
PM, (Radial)
35 V
560
0.048 Ω
1360 mA
16 x 15
1
1
UPM1V561MHH6
Panasonic,
Poly-Aluminum
S/SE,
6.3 V
180
0.005 Ω
4000 mA
7,3 x 4,3 x 4,2
N/R(30)
≤1(31)
EEFSEOJ181R
(SMD)Poly-Aluminum
(VO ≤ 5.1 V)
Sanyo
TPE Poscap (SMD)
10 V
330
0.025 Ω
3000 mA
7,3 x 5,7
N/R(2)
≤4
10TPE330M
SEQP, Os-Con (Radial)
16 V
330
0.016 Ω
>4720 mA
10 x 13
2
≤2
16SEQP330M
SVP, Os-Con (SMD)
16 V
330
0.016 Ω
4700 mA
11 x 12
2
≤3
16SVP330M
AVX, Tantalum Series III
TPS (SMD)
10 V
470
0.045 Ω
>1723 mA
N/R(2)
≤5(3)
TPSE477M010R0045
7,3 x 5,7 x 4,1
(VO ≤ 5.1 V)
10 V
330
0.045 Ω
>1723 mA
N/R(2)
≤5(3)
TPSE377M010R0045
(VO ≤ 5.1 V)
Kemet
(29) Capacitor Supplier Verification
Please verify availability of capacitors identified in this table. Capacitor suppliers may recommend alternative part numbers because of
limited availability or obsolete products. In some instances, the capacitor product life cycle may be in decline and have short-term
consideration for obsolescence.
RoHS, Lead-free and Material Details
Please consult capacitor suppliers regarding material composition, RoHS status, lead-free status, and manufacturing process
requirements. Component designators or part number deviations can occur when material composition or soldering requirements are
updated.
(30) N/R –Not recommended. The capacitor voltage rating does not meet the minimum derated operating limits.
(31) The voltage rating of this capacitor only allows it to be used for output voltages that are equal to or less than 5.1 V.
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com