Electronic Components Datasheet Search
  English  ▼

X  

PTH12010WAS Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12010WAS
Description  12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12010WAS Datasheet(HTML) 19 Page - Texas Instruments

Back Button PTH12010WAS Datasheet HTML 15Page - Texas Instruments PTH12010WAS Datasheet HTML 16Page - Texas Instruments PTH12010WAS Datasheet HTML 17Page - Texas Instruments PTH12010WAS Datasheet HTML 18Page - Texas Instruments PTH12010WAS Datasheet HTML 19Page - Texas Instruments PTH12010WAS Datasheet HTML 20Page - Texas Instruments PTH12010WAS Datasheet HTML 21Page - Texas Instruments PTH12010WAS Datasheet HTML 22Page - Texas Instruments PTH12010WAS Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
www.ti.com
t − Time − 20 ms/div
VTRK (1 V/div)
V01 (1 V/div)
V02 (1 V/div)
t − Time − 400 µs/div
VTRK (1 V/div)
V01 (1 V/div)
V02 (1 V/div)
MARGIN UP/DOWN CONTROLS
D %
Ror R =
U
D
499 - 99.8 kW
(2)
PTH12010W, PTH12010L
SLTS205E–JUNE 2003–REVISED APRIL 2006
Figure 17. Simultaneous Power Up with Auto-Track
Figure 18. Simultaneous Power Down with Auto-Track
Control
Control
The PTH12060, PTH12010, PTH12020, and PTH12030 products incorporate Margin Up and Margin Down
control inputs. These controls allow the output voltage to be momentarily adjusted[1], either up or down, by a
nominal 5%. This provides a convenient method for dynamically testing the operation of the load circuit over its
supply margin or range. It can also be used to verify the function of supply voltage supervisors. The ±5% change
is applied to the adjusted output voltage, as set by the external resistor, RSET at the VO Adjust pin.
The 5% adjustment is made by pulling the appropriate margin control input directly to the GND terminal[2].A
low-leakage open-drain device, such as an N-channel MOSFET or P-channel JFET is recommended for this
purpose[3]. Adjustments of less than 5% can also be accommodated by adding series resistors to the control
inputs. The value of the resistor can be selected from Table 6, calculated using the following formula.
UP/DOWN ADJUST RESISTANCE CALCULATION
To reduce the margin adjustment to a value less than 5%, series resistors are required (See RD and RU in
Figure 19). For the same amount of adjustment, the resistor value calculated for RU and RD are the same. The
formula is as follows.
Where ∆% = The desired amount of margin adjust percent.
NOTES
1. The Margin Up and Margin Down controls were not intended to be activated simultaneously. If they are their
affects on the output voltage may not completely cancel, resulting in the possibility of a slightly higher error
in the output voltage set point.
2. The ground reference should be a direct connection to the module GND at pin 7 (pin 1 for the PTHxx050).
This will produce a more accurate adjustment at the load circuit terminals. The transistors Q1 and Q2 should
be located close to the regulator.
3. The Margin Up and Margin Down control inputs are not compatible with devices that source voltage. This
includes TTL logic. These are analog inputs and should only be controlled with a true open-drain device
(preferably a discrete MOSFET transistor). The device selected should have low off-state leakage current.
Each input sources 8 µA when grounded, and has an open-circuit voltage of 0.8 V.
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com