Electronic Components Datasheet Search
  English  ▼

X  

2SC2655 Datasheet(PDF) 45 Page - Toshiba Semiconductor

Part # 2SC2655
Description  COLOUR TELEVISION C9PJ Chassis
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2655 Datasheet(HTML) 45 Page - Toshiba Semiconductor

Back Button 2SC2655 Datasheet HTML 41Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 42Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 43Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 44Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 45Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 46Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 47Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 48Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 49Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 126 page
background image
– 45 –
Location
No.
Part No.
Description
Location
No.
Part No.
Description
R306
24366333
CF, 33k ohm
R307
24366224
CF, 220k ohm
R308
24382391
OMF, 390 ohm, 1W
R312
24366103
CF, 10k ohm
R313
24366153
CF, 15k ohm
R315
24366102
CF, 1k ohm
R316
24366105
CF, 1M ohm
R317
24366104
CF, 100k ohm
R318
24366101
CF, 100 ohm
R319
24366101
CF, 100 ohm
R321
24872682
Chip, 6800 ohm, 1/16W
R327
24000187
FR, 3.3 ohm, 1W
R329
24366103
CF, 10k ohm
R330
24366102
CF, 1k ohm
R331
24366152
CF, 1500 ohm
R332
24366222
CF, 2200 ohm
R333
24366823
CF, 82k ohm
R334
24366823
CF, 82k ohm
R335
24366104
CF, 100k ohm
R336
24383221
OMF, 220 ohm, 2W
R341
24366622
CF, 6200 ohm
R343
24366153
CF, 15k ohm
R346
24366102
CF, 1k ohm
R351
24552101
OMF, 100 ohm, 1/2W
R352
24366222
CF, 2200 ohm
R353
24366682
CF, 6800 ohm
R354
24366222
CF, 2200 ohm
R356
24366562
CF, 5600 ohm
R357
24382114
OMF, 110k ohm, 1W
R358
24366682
CF, 6800 ohm
R359
24366103
CF, 10k ohm
R360
24366102
CF, 1k ohm
R361
24366113
CF, 11k ohm
R362
24366754
CF, 750k ohm
R363
24366103
CF, 10k ohm
R364
24366103
CF, 10k ohm
R365
24366103
CF, 10k ohm
R366
24366103
CF, 10k ohm
R367
24366473
CF, 47k ohm
R368
24366473
CF, 47k ohm
R369
24366102
CF, 1k ohm
R370
24321159
MF, 1.5 ohm, 1/2W
R371
24366682
CF, 6800 ohm
R372
24366472
CF, 4700 ohm
R373
24366152
CF, 1500 ohm
R374
24366473
CF, 47k ohm
R375
24366102
CF, 1k ohm
R376
24384221
OMF, 220 ohm, 3W
R377
24384221
OMF, 220 ohm, 3W
R378
24366102
CF, 1k ohm
R379
24366562
CF, 5600 ohm
R386
24366472
CF, 4700 ohm
R388
24366392
CF, 3900 ohm
R390
24382561
OMF, 560 ohm, 1W
R391
24382561
OMF, 560 ohm, 1W
R392
24382561
OMF, 560 ohm, 1W
R393
24366184
CF, 180k ohm
R394
24366153
CF, 15k ohm
R400
24942102
CC, 1k ohm, 1/2W
R401
24366103
CF, 10k ohm
R401
24872391
Chip, 390 ohm, 1/16W
R402
24366333
CF, 33k ohm
R402
24872103
Chip, 10k ohm, 1/16W
R403
24366332
CF, 3300 ohm
R403
24872302
Chip, 3k ohm, 1/16W
R404
24383270
OMF, 27 ohm, 2W
R405
24382332
OMF, 3300 ohm, 1W
R407
24872103
Chip, 10k ohm, 1/16W
R408
24321209
MF, 2 ohm, 1/2W
R409
24381103
OMF, 10k ohm, 1/2W
R410
24366331
CF, 330 ohm
R411
24366471
CF, 470 ohm
R415
24553272
OMF, 2700 ohm, 1W
R416
24510562
Cement, 5600 ohm, 5W
R421
24872334
Chip, 330k ohm, 1/16W
R422
24872152
Chip, 1500 ohm, 1/16W
R423
24872152
Chip, 1500 ohm, 1/16W
R424
24546338
FR, 0.33 ohm, 1/2W
R425
24552331
OMF, 330 ohm, 1/2W
R425
24872153
Chip, 15k ohm, 1/16W
R426
24366821
CF, 820 ohm
R427
24366432
CF, 4300 ohm
R428
24366561
CF, 560 ohm
R429
24552330
OMF, 33 ohm, 1/2W
R431
24382100
OMF, 10 ohm, 1W
R432
24532560
FR, 56 ohm, 1W
R434
24366102
CF, 1k ohm
R435
24366333
CF, 33k ohm
R436
24327224
MF, 220k ohm,
±1%, 1/4W
R439
24366472
CF, 4700 ohm
R441
24383102
OMF, 1k ohm, 2W
R443
24310109
MF, 1.0 ohm, 1/2W
R444
24338398
MF, 0.39 ohm, 1W
R445
24382332
OMF, 3300 ohm, 1W
R446
24382332
OMF, 3300 ohm, 1W
R447
24382473
OMF, 47k ohm, 1W
R448
24338828
MF, 0.82 ohm, 1W
R450
24066879
VR, 1k ohm, 0.3W
R451
24376223
CF, 22k ohm, 1/2W
R452
24376223
CF, 22k ohm, 1/2W
R453
24376223
CF, 22k ohm, 1/2W
R454
24366223
CF, 22k ohm
R455
24366333
CF, 33k ohm
R460
24552332
OMF, 3300 ohm, 1/2W
R461
24366332
CF, 3300 ohm
R462
24366102
CF, 1k ohm
R462
24366912
CF, 9100 ohm
R463
24339109
MF, 1 ohm, 2W
R464
24366273
CF, 27k ohm
R465
24366114
CF, 110k ohm
R466
24366152
CF, 1500 ohm
R469
24000465
FR, 9.1 ohm, 1W
R472
24552270
OMF, 27 ohm, 1/2W
R476
24366821
CF, 820 ohm
R477
24383121
OMF, 120 ohm, 2W
R478
24376333
CF, 33k ohm, 1/2W
R479
24366101
CF, 100 ohm
R480
24553332
OMF, 3300 ohm, 1W
R481
24366473
CF, 47k ohm
R482
24366103
CF, 10k ohm
R483
24366154
CF, 150k ohm
R484
24366473
CF, 47k ohm
R485
24552271
OMF, 270 ohm, 1/2W
R487
24366472
CF, 4700 ohm
R488
24366474
CF, 470k ohm
R489
24366332
CF, 3300 ohm
R490
24366332
CF, 3300 ohm
R492
24366102
CF, 1k ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com