Electronic Components Datasheet Search
  English  ▼

X  

2SC2655 Datasheet(PDF) 25 Page - Toshiba Semiconductor

Part # 2SC2655
Description  COLOUR TELEVISION C9PJ Chassis
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2655 Datasheet(HTML) 25 Page - Toshiba Semiconductor

Back Button 2SC2655 Datasheet HTML 21Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 22Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 23Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 24Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 25Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 26Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 27Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 28Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 29Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 126 page
background image
– 25 –
Item
NO
Description
1
Adjust PAL Wide
Used for manual adjustment of the Wide/4:3 screen in the PAL mode.
Returns to the original screen data screen before data conversion, explained below.
2
PAL Wide to others
Automatically saves approximate supplementary data for the other PAL screens based
on the PAL Wide/4:3 screen data.
First, the PAL Wide/4:3 screen data are converted to Super Live and the values are
saved. Next, the data are converted to Cinema and the values are saved. Finally, the
data are converted to Subtitle and the values are saved, and then the operation ends.
Manually check the other screen modes as described below and make corrections if
distortion, etc., is present.
Please be aware that all PAL screens are re-adjusted when this menu is selected and
executed.
3
Adjust PAL S.Live
Used for manual adjustment of the PAL Super Live screen.
Select this mode for Super Live screen color matching and distortion adjustment.
Use the specified dimensions when adjusting.
4
Adjust PAL Cinema
Used for manual adjustment of the PAL Cinema screen.
Select this mode for Cinema screen color matching and distortion adjustment.
Use the specified dimensions when adjusting.
5
Adjust PAL S.title
Used for manual adjustment of the PAL S.title screen.
Select this mode for S.title screen color matching and distortion adjustment.
Use the specified dimensions when adjusting.
6
PAL to NTSC (Wide)
PAL Wide/4:3 screen data is calculated, converted to NTSC Wide/4:3 approximate
data and saved.
To assure accurate adjustments, select the manual mode explained below and check,
then apply color matching and distortion adjustments.
7
PAL to NTSC (All)
Data for all PAL screens is converted to approximate data for the NTSC screens and
saved.
To assure accurate adjustments, select the manual mode explained below and check,
then apply color matching and distortion adjustments.
8
Adjust NTSC Wide
Used for manual adjustment of the NTSC Wide/4:3 screen.
Select this mode for Wide/4:3 screen color matching and distortion adjustment.
Use the specified dimensions when adjusting.
9
NTSC Wide to others
Approximate supplementary data for the other NTSC screens is automatically saved
based on the NTSC Wide/4:3 screen data.
First, the NTSC Wide/4:3 screen data are converted to Super Live and the values are
saved. Next, the data are converted to Cinema and the values are saved. Finally, the
data are converted to Subtitle and the values are saved, and then the operation ends.
Manually check the other screen modes as described below and make corrections if
distortion, etc., is present.
Please be aware that all NTSC screens are re-adjusted when this menu is selected
and executed.
1-3. Adjusting Screen
1) Adjusting menu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com